Electronic Components Datasheet Search
  English  ▼

X  

CS8405A Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS8405A
Description  96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405A Datasheet(HTML) 5 Page - Cirrus Logic

  CS8405A Datasheet HTML 1Page - Cirrus Logic CS8405A Datasheet HTML 2Page - Cirrus Logic CS8405A Datasheet HTML 3Page - Cirrus Logic CS8405A Datasheet HTML 4Page - Cirrus Logic CS8405A Datasheet HTML 5Page - Cirrus Logic CS8405A Datasheet HTML 6Page - Cirrus Logic CS8405A Datasheet HTML 7Page - Cirrus Logic CS8405A Datasheet HTML 8Page - Cirrus Logic CS8405A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
CS8405A
DS469PP4
5
DIGITAL CHARACTERISTICS
(TA = 25 °C for suffixes ‘CS’ &’CZ’, TA = -40 to 85°C for ‘IS’ & ‘IZ’ ; VD+ = 5V±10%, VL+ = 3/5V ±5/10%)
Notes: 4. At 5V mode, VIL = 0.8V (Max), at 3V mode, VIL =0.4V (Max).
SWITCHING CHARACTERISTICS
(TA = 25 °C for suffixes ‘CS’ &’CZ’, TA = -40 to 85°C for ‘IS’ & ‘IZ’ ; VD+ = 5V±10%, VL+ = 3/5V ±5/10%, Inputs:
Logic 0 = 0 V, Logic 1 = VL+; CL =20 pF)
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VIH
2.0
-
(VL+) + 0.3
V
Low-Level Input Voltage
(Note 4)
VIL
-0.3
-
0.4/0.8
V
Low-Level Output Voltage, (Io=-3.2 mA), except TXP, TXN
VOL
--
0.4
V
High-Level Output Voltage, (Io=3.2 mA), except TXP, TXN
VOH
(VL+) - 1
-
-
V
Input Leakage Current
Iin
-±1
±10
µA
Output High Voltage, TXP, TXN (IOH = 14 mA)
(VL+) - 0.7 (VL+) - 0.4
-
V
Output Low Voltage, TXP, TXN (IOL =14mA)
-
0.4
0.7
V
Parameter
Symbol
Min
Typ
Max
Units
RST pin Low Pulse Width
200
-
-
µs
OMCK Frequency for OMCK = 512*Fs
4.1
-
55.3
MHz
OMCK Low and High Width for OMCK = 512*Fs
7.2
-
-
ns
OMCK Frequency for OMCK = 384*Fs
3.1
-
41.5
MHz
OMCK Low and High Width for OMCK = 384*Fs
9.6
-
-
ns
OMCK Frequency for OMCK = 256*Fs
2.0
-
27.7
MHz
OMCK Low and High Width for OMCK = 256*Fs
14.4
-
-
ns
Frame Rate
8.0
-
108.0
kHz
AES3 Transmitter Output Jitter
-
-
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com