Electronic Components Datasheet Search
  English  ▼

X  

CS8405A Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS8405A
Description  96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405A Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS8405A Datasheet HTML 21Page - Cirrus Logic CS8405A Datasheet HTML 22Page - Cirrus Logic CS8405A Datasheet HTML 23Page - Cirrus Logic CS8405A Datasheet HTML 24Page - Cirrus Logic CS8405A Datasheet HTML 25Page - Cirrus Logic CS8405A Datasheet HTML 26Page - Cirrus Logic CS8405A Datasheet HTML 27Page - Cirrus Logic CS8405A Datasheet HTML 28Page - Cirrus Logic CS8405A Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
CS8405A
DS469PP4
25
INT
19
Interrupt (Output) - Indicates key events during the operation of the CS8405A. All bits affecting INT
may be unmasked through bits in the control registers. Indication of the condition(s) that initiated an
interrupt are readable in the control registers. The polarity of the INT output, as well as selection of a
standard or open drain output, is set through a control register. Once set true, the INT pin goes false
only after the interrupt status registers have been read and the interrupt status bits have returned to
zero.
U
20
User Data (Input/Output) - May optionally be used to input User data for transmission by the AES3
transmitter, see Figure 7 for timing information. Alternatively, the U pin may be set to output, which also
selects the internal buffer as the source of transmitted U data. If not driven, a 47 k
Ω pull-down resistor is
recommended for the U pin, because the default state of the UD direction bit sets the U pin as an input.
The pull-down resistor ensures that the transmitted user data will be zero. If the U pin is always set to be
an output, thereby causing the U bit manager to be the source of the U data, then the resistor is not nec-
essary. The U pin should not be tied directly to ground, in case it is programmed to be an output, and
subsequently tries to output a logic high. This situation may affect the long term reliability of the device.
If the U pin is driven by a logic level output, then a 100
Ω series resistor is recommended.
OMCK
21
Master Clock (Input) - The frequency must be 256x, 384x, or 512x the sample rate.
H/S
24
Hardware/Software Control Mode Select (Input) -Determines the method of controlling the operation
of the CS8405A, and the method of accessing Channel Status and User bit data. In software mode,
device control and CS and U data access is primarily through the control port, using a microcontroller.
Hardware mode provides an alternate mode of operation, and access to CS and U data is provided by
dedicated pins. This pin should be permanently tied to VL+ or DGND.
TXN
25
26
Differential Line Drivers (Output) - Transmitting AES3 data. Drivers are pulled low while the CS8405A
is in the reset state.
TXP
AD1/CDIN
27
Address Bit 1 (Two-Wire Mode) / Serial Control Data in (SPI) (Input) - In Two-Wire mode, AD1 is a
chip address pin. In SPI mode, CDIN is the input data line for the control port interface.
SCL/CCLK
28
Control Port Clock (Input) - Serial control interface clock and is used to clock control data bits into and
out of the CS8405A. In Two-Wire mode, SCL requires an external pull-up resistor to VL+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com