Electronic Components Datasheet Search
  English  ▼

X  

CS8405A Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS8405A
Description  96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405A Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS8405A Datasheet HTML 28Page - Cirrus Logic CS8405A Datasheet HTML 29Page - Cirrus Logic CS8405A Datasheet HTML 30Page - Cirrus Logic CS8405A Datasheet HTML 31Page - Cirrus Logic CS8405A Datasheet HTML 32Page - Cirrus Logic CS8405A Datasheet HTML 33Page - Cirrus Logic CS8405A Datasheet HTML 34Page - Cirrus Logic CS8405A Datasheet HTML 35Page - Cirrus Logic CS8405A Datasheet HTML 36Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
CS8405A
DS469PP4
35
15.1.2
Serial Copy Management System
(SCMS)
In software mode, the CS8405A allows read/modi-
fy/write access to all the channel status bits. For
consumer mode SCMS compliance, the host mi-
crocontroller needs to manipulate the Category
Code, Copy bit and L bit appropriately.
In hardware mode, the SCMS protocol can be fol-
lowed by either using the COPY and ORIG input
pins, or by using the C bit serial input pin. These
options are documented in the hardware mode sec-
tion of this data sheet.
15.1.3 Channel Status Data E Buffer Access
The E buffer is organized as 24 x 16-bit words. For
each word the MS Byte is the A channel data, and
the LS Byte is the B channel data (see Figure 14).
There are two methods of accessing this memory,
known as one byte mode and two byte mode. The de-
sired mode is selected through a control register bit.
15.1.3.1
One Byte mode
In many applications, the channel status blocks for
the A and B channels will be identical. In this situ-
ation, if the user reads a byte from one of the chan-
nel's blocks, the corresponding byte for the other
channel will be the same. Similarly, if the user
wrote a byte to one channel's block, it would be
necessary to write the same byte to the other block.
One byte mode takes advantage of the often identi-
cal nature of A and B channel status data.
When reading data in one byte mode, a single byte
is returned, which can be from channel A or B data,
depending on a register control bit. If a write is be-
ing done, the CS8405A expects a single byte to be
input to its control port. This byte will be written to
both the A and B locations in the addressed word.
One byte mode saves the user substantial control
port access time, as it effectively accesses 2 bytes
worth of information in 1 byte's worth of access
time. If the control port's auto increment addressing
is used in combination with this mode, multi-byte
accesses such as full-block reads or writes can be
done especially efficiently.
15.1.3.2
Two Byte mode
There are those applications in which the A and B
channel status blocks will not be the same, and the
user is interested in accessing both blocks. In these
situations, two byte mode should be used to access
the E buffer.
In this mode, a read will cause the CS8405A to out-
put two bytes from its control port. The first byte
out will represent the A channel status data, and the
2nd byte will represent the B channel status data.
Writing is similar, in that two bytes must now be
input to the CS8405A's control port. The A channel
status data is first, B channel status data second.
15.2
AES3 User (U) Bit Management
The CS8405A U bit manager has two operating
modes:
Mode 1. Transmit all zeros.
Mode 2. Block mode.
15.2.1
Mode 1: Transmit All Zeros
Mode 1 causes only zeros to be transmitted in the
output U data, regardless of E buffer contents. This
mode is intended for the user who wants the output
U channel to contain no data.
15.2.2
Mode 2: Block Mode
Mode 2 is very similar to the scheme used to control
the C bits. Entire blocks of U data are buffered using
2 block-sized RAMs to perform the buffering. The
user has access to the first buffer, denoted the E buff-
er, through the control port. It is the only mode in
which the user can merge his own U data into the
transmitted AES3 data stream. The U buffer access
only operates in two byte mode, since there is no con-
cept of A and B blocks for user data. The arrangement
of
thedatais
as
followings:
Bit15[A7]Bit14[B7]Bit13[A6]Bit12[B6]...Bit1[A0]
Bit0[B0]. The arrangement of the data in the each byte
is that the MSB is the first transmitted bit. The bit for
the A subframe is followed by the bit for the B sub-
frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com