Electronic Components Datasheet Search
  English  ▼

X  

TAS6424 Datasheet(PDF) 39 Page - Texas Instruments

Part # TAS6424
Description  2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS6424 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS6424 Datasheet HTML 35Page - Texas Instruments TAS6424 Datasheet HTML 36Page - Texas Instruments TAS6424 Datasheet HTML 37Page - Texas Instruments TAS6424 Datasheet HTML 38Page - Texas Instruments TAS6424 Datasheet HTML 39Page - Texas Instruments TAS6424 Datasheet HTML 40Page - Texas Instruments TAS6424 Datasheet HTML 41Page - Texas Instruments TAS6424 Datasheet HTML 42Page - Texas Instruments TAS6424 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
39
TAS6424-Q1
www.ti.com
SLOS870A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: TAS6424-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.6.12 DC Load Diagnostics Report 3—Line Output—Register (address = 0x0E) [default = 0x00]
The DC Load Diagnostic Report, Line Output, register is shown in Figure 58 and described in Table 21.
Figure 58. DC Load Diagnostics Report 3—Line Output—Register
7
6
5
4
3
2
1
0
RESERVED
CH1 LO LDG
CH2 LO LDG
CH3 LO LDG
CH4 LO LDG
R-0
R-0
R-0
R-0
Table 21. DC Load Diagnostics Report 3—Line Output—Field Descriptions
Bit
Field
Type
Reset
Description
7–4
RESERVED
0
3
CH1 LO LDG
R
0
0: No line output detected on channel 1
1: Line output detected on channel 1
2
CH2 LO LDG
R
0
0: No line output detected on channel 2
1: Line output detected on channel 2
1
CH3 LO LDG
R
0
0: No line output detected on channel 3
1: Line output detected on channel 3
0
CH4 LO LDG
R
0
0: No line output detected on channel 4
1: Line output detected on channel 3
9.6.13 Channel State Reporting Register (address = 0x0F) [default = 0x55]
The Channel State Reporting register is shown in Figure 59 and described in Table 22.
Figure 59. Channel State-Reporting Register
7
6
5
4
3
2
1
0
CH1 STATE REPORT
CH2 STATE REPORT
CH3 STATE REPORT
CH3 STATE REPORT
R-01
R-01
R-01
R-01
Table 22. State-Reporting Field Descriptions
Bit
Field
Type
Reset
Description
7–6
CH1 STATE REPORT
R
01
00: PLAY
01: Hi-Z
10: MUTE
11: DC load diagnostics
5–4
CH2 STATE REPORT
R
01
00: PLAY
01: Hi-Z
10: MUTE
11: DC load diagnostics
3–2
CH3 STATE REPORT
R
01
00: PLAY
01: Hi-Z
10: MUTE
11: DC load diagnostics
1–0
CH4 STATE REPORT
R
01
00: PLAY
01: Hi-Z
10: MUTE
11: DC load diagnostics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com