Electronic Components Datasheet Search
  English  ▼

X  

TAS6424 Datasheet(PDF) 49 Page - Texas Instruments

Part # TAS6424
Description  2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS6424 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS6424 Datasheet HTML 45Page - Texas Instruments TAS6424 Datasheet HTML 46Page - Texas Instruments TAS6424 Datasheet HTML 47Page - Texas Instruments TAS6424 Datasheet HTML 48Page - Texas Instruments TAS6424 Datasheet HTML 49Page - Texas Instruments TAS6424 Datasheet HTML 50Page - Texas Instruments TAS6424 Datasheet HTML 51Page - Texas Instruments TAS6424 Datasheet HTML 52Page - Texas Instruments TAS6424 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
1 …F
External Amplifier
Output Filter
1 …F
1 …F
1 nF
100 k
100 k
600
to
4.7 k
1 …F
1 nF
3.3 µH
3.3 µH
49
TAS6424-Q1
www.ti.com
SLOS870A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: TAS6424-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Application Information (continued)
Figure 78. External Amplifier Input Configuration for Line Driver
10.2 Typical Applications
10.2.1 BTL Application
Figure 79 shows the schematic of a typical 4-channel solution for a head-unit application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com