Electronic Components Datasheet Search
  English  ▼

X  

TAS6424 Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS6424
Description  2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS6424 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS6424 Datasheet HTML 4Page - Texas Instruments TAS6424 Datasheet HTML 5Page - Texas Instruments TAS6424 Datasheet HTML 6Page - Texas Instruments TAS6424 Datasheet HTML 7Page - Texas Instruments TAS6424 Datasheet HTML 8Page - Texas Instruments TAS6424 Datasheet HTML 9Page - Texas Instruments TAS6424 Datasheet HTML 10Page - Texas Instruments TAS6424 Datasheet HTML 11Page - Texas Instruments TAS6424 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
8
TAS6424-Q1
SLOS870A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: TAS6424-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Test conditions (unless otherwise noted): TC = 25°C, PVDD = VBAT = 14.4 V, VDD = 3.3 V, RL = 4 Ω, Pout = 1 W/ch, ƒ = 1
kHz, fSW = 2.11 MHz, AES17 Filter, default I
2C settings, see Figure 79 and Figure 82
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUDIO PERFORMANCE
Vn
Output noise voltage
Zero input, A-weighting, gain level 1, PVDD = 14.4 V
42
μV
Zero input, A-weighting, gain level 2, PVDD = 14.4 V
55
Zero input, A-weighting, gain level 3, PVDD = 18 V
67
Zero input, A-weighting, gain level 4, PVDD = 25 V
85
GAIN
Peak output voltage/dBFS
Gain level 1, Register 0x01, bit 1-0 = 00
7.5
V/FS
Gain level 2, Register 0x01, bit 1-0 = 01
15
Gain level 3, Register 0x01, bit 1-0 = 10
21
Gain level 4, Register 0x01, bit 1-0 = 11
29
Crosstalk
Channel crosstalk
PVDD = 14.4 Vdc + 1 VRMS, ƒ = 1 kHz
90
dB
PSRR
Power-supply rejection ratio
PVDD = 14.4 Vdc + 1 VRMS, ƒ = 1 kHz
75
dB
THD+N
Total harmonic distortion + noise
0.02%
GCH
Channel-to-channel gain variation
–1
0
1
dB
LINE OUTPUT PERFORMANCE
Vn_LINEOUT
LINE output noise voltage
Zero input, A-weighting, channel set to LINE MODE
42
μV
VO_LINEOUT
LINE output voltage
0-dB input, channel set to LINE MODE
5.5
VRMS
THD+N
Line output total harmonic distortion + noise
VO = 2 VRMS , channel set to LINE MODE
0.01%
DIGITAL INPUT PINS
VIH
Input logic level high
70
%VDD
VIL
Input logic level low
30
%VDD
IIH
Input logic current, high
VI = VDD
15
µA
IIL
Input logic current, low
VI = 0
–15
µA
PWM OUTPUT STAGE
RDS(on)
FET drain-to-source resistance
Not including bond wire and package resistance
90
mΩ
OVERVOLTAGE (OV) PROTECTION
VPVDD_OV
PVDD overvoltage shutdown
27.0
27.8
28.8
V
VPVDD_OV_HY
S
PVDD overvoltage shutdown hysteresis
0.3
V
VVBAT_OV
VBAT overvoltage shutdown
19.3
20
V
VVBAT_OV_HY
S
VBAT overvoltage shutdown hysteresis
0.3
V
UNDERVOLTAGE (UV) PROTECTION
VBATUV
VBAT undervoltage shutdown
4
4.5
V
VBATUV_HYS VBAT undervoltage shutdown hysteresis
0.2
V
PVDDUV
PVDD undervoltage shutdown
4
4.5
V
PVDDUV_HY
S
PVDD undervoltage shutdown hysteresis
0.2
V
BYPASS VOLTAGES
VGVDD
Gate drive bypass pin voltage
7
V
VAVDD
Analog bypass pin voltage
6
V
VVCOM
Common bypass pin voltage
2.5
V
VVREG
Regulator bypass pin voltage
5.5
V
POWER-ON RESET (POR)
VPOR
VDD voltage for POR
2.1
2.7
V
VPOR_HY
VDD POR recovery hysteresis voltage
0.5
V
OVERTEMPERATURE (OT) PROTECTION
OTW(i)
Channel overtemperature warning
150
°C
OTSD(i)
Channel overtemperature shutdown
175
°C
OTW
Global junction overtemperature warning
Set by register 0x01 bit 5-6, default value
130
°C
OTSD
Global junction overtemperature shutdown
160
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com