Electronic Components Datasheet Search
  English  ▼

X  

TAS6424 Datasheet(PDF) 13 Page - Texas Instruments

Part # TAS6424
Description  2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS6424 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS6424 Datasheet HTML 9Page - Texas Instruments TAS6424 Datasheet HTML 10Page - Texas Instruments TAS6424 Datasheet HTML 11Page - Texas Instruments TAS6424 Datasheet HTML 12Page - Texas Instruments TAS6424 Datasheet HTML 13Page - Texas Instruments TAS6424 Datasheet HTML 14Page - Texas Instruments TAS6424 Datasheet HTML 15Page - Texas Instruments TAS6424 Datasheet HTML 16Page - Texas Instruments TAS6424 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
Total Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
D020
PVDD = 14.4 V
PVDD = 24 V
Output Power (W)
0
10
20
30
40
50
60
70
80
90
0
20
40
60
80
100
120
D017
PVDD = 14.4 V
PVDD = 24 V
Supply Voltage (V)
0
20
40
60
80
100
120
140
20
5
15
25
10
20
D016
Gain Level 1
Gain Level 2
Gain Level 3
Gain Level 4
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
D019
PVDD = 14.4 V
PVDD = 24 V
Supply Voltage (V)
5
10
15
20
25
0
20
40
60
80
100
10
20
D014
2 : Load
4 : Load
Supply Voltage (V)
0
20
40
60
80
100
120
140
20
5
15
25
10
20
D015
Gain Level 1
Gain Level 2
Gain Level 3
Gain Level 4
13
TAS6424-Q1
www.ti.com
SLOS870A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: TAS6424-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25 ºC, VVDD = 3.3 V, VBAT = PVDD = 14.4 V, RL = 4 Ω, fIN = 1 kHz, fs = 48 kHz, fSW = 2.11 MHz, AES17 filter, default I
2C
settings, see Figure 79 and Figure 82 (unless otherwise noted)
10% THD
2.11-MHz fSW
Figure 13. Output Power vs Supply Voltage
A-weighted Noise
384-kHz fSW
Figure 14. Noise vs Supply Voltage
A-weighted Noise
2.11-MHz fSW
Figure 15. Noise vs Supply voltage
4 Ω
384-kHz fSW
Figure 16. Power Efficiency vs Output Power
4 Ω
2.1-MHz fSW
Figure 17. Power Efficiency vs Output Power
2 Ω
384-kHz fSW
Figure 18. Power Efficiency vs Output Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com