Electronic Components Datasheet Search
  English  ▼

X  

EC21C Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # EC21C
Description  Insulated shaft type with a wide variety of applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC21C Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  EC21C Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
288
EC12E
EC12D
12mm Size Insulated Shaft Type
With Switch Type
5
Vertical
30
5±3
10±5
3
0.5
15
17.5
EC12D1564402
EC12D1524403
5±3
10±5
6
EC12D1564404
EC12D1524406
1,280
2,560
Minimum order unit( pcs.)
Export
Japan
Product No.
Drawing
No.
Number of
detent
Number of
pulse
Length of the
shaft LM1 (mm)
Operating
force of switch(N)
Travel of push-
on switch(mm)
Operating
direction
Detent torque
(mN・m)
EC12D is suitable for automotive use.
Notes
Dimensions
3.5
LM1
R1
5 (5)
(0.8)
3.5
ø6.8
Mounting surface
14
12.4
(8.2)
Photo
Style
Short shaft type
No.
1
2
Hollow shaft type
3
PC board mounting hole dimensions
(Viewed from mounting side)
Unit:mm
17.5
5
LM1
R1
20
7
25
12
High collar type
Product Line
Packing Specifications
Tray
Product No.
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan 1 case /export packing
EC12E □□□ 03
3,000
3,000
369×525×204
EC12E □□□ 04
2,400
2,400
EC12E □□□ 08
1,900
1,900
EC12D
1,280
2,560
360×540×290
Refer to P.290 for product varieties.
Refer to P.290 for switches.
Refer to P.307 for soldering conditions.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com