Electronic Components Datasheet Search
  English  ▼

X  

EC21C Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC21C
Description  Insulated shaft type with a wide variety of applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC21C Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC21C Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
287
Insulated shaft type with a wide variety of applications
12mm Size Insulated Shaft Type
EC12E
EC12D
Refer to P.290 for product varieties.
Refer to P.290 for switches.
Refer to P.307 for soldering conditions.
Product No.
Drawing
No.
Number of
detent
Number of pulse
Length of the shaft
LM1 (mm)
4
Vertical
24
12
20
25
25
20
30
25
30
Standard
3 to 20
Standard
25±15
Heavy 40±15
24
12
Without
EC12E2420802
EC12E1220813
EC12E2420801
EC12E2430804
EC12E2420803
EC12E2430803
EC12E2460802
Operating
direction
Detent torque
(mN・m)
1,900 1,900
Minimum order unit(pcs.)
Japan Export
With Bushing Type
■ Typical Specifications
Items
Specifications
Rating
0.5mA 5V DC
Operating life
Without detent
15,000 cycles
30,000 cycles(Lightest(jog))
With detent
30,000 cycles
Operating temperature range
EC12E:−10℃ to +70℃
EC12D:−40℃ to +85℃
Product No.
Drawing
No.
Minimum order unit(pcs.)
Japan Export
Number of pulse
Number of detent
Operating
direction
Detent torque
(mN・m)
Length of the shaft
LM1 (mm)
Standard type
Product Line
2
2,400 2,400
2,400 2,400
3,000 3,000
2,400 2,400
3,000 3,000
2,400 2,400
3,000 3,000
2,400
2,400
1
3
3
2
3
1
1
3
1
Vertical
12
24
Standard
3 to 20
15
20
25
15
17.5
20
25
8.5
(Hollow shaft)
20
25
8.5
(Hollow shaft)
25
20
25
Lightest(jog)
3±2
Standard
3 to 20
Lightest(jog)
3±2
Lightest(jog)10 max.
Standard
25±15
EC12E1220407
EC12E1220406
EC12E1220405
EC12E1240405
EC12E1240406
EC12E1220301
EC12E1240301
EC12E24204A7
EC12E24204A2
EC12E24204A8
EC12E24204A9
EC12E2420301
EC12E24404A8
EC12E24404A6
EC12E2440301
EC12E2430404
20
EC12E24104A6
EC12E2430401
12
24
8.5
(Hollow shaft)
8.5
(Hollow shaft)
Nuts and washers are not included. If required, please contact us.
Note
1
3,000 3,000
Without


Similar Part No. - EC21C

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC21C ALPS-EC21C Datasheet
649Kb / 2P
Compatible with reflow soldering, allowing mounting at the same time as other surface mount components
EC21C ALPS-EC21C Datasheet
1Mb / 4P
21mm Size Ring Type
EC21C1520401 ALPS-EC21C1520401 Datasheet
1Mb / 4P
21mm Size Ring Type
logo
List of Unclassifed Man...
EC21C1520402 ETC-EC21C1520402 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - EC21C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN501 VISHAY-AN501 Datasheet
137Kb / 11P
The DG535/536 Wideband Multiplexers Suit a Wide Variety of Applications
03-Aug-99
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
12mm Size Insulated Shaft Type Encoder Variety
logo
Unity Opto Technology
MAL-C065R UOT-MAL-C065R Datasheet
42Kb / 2P
Striped type light source designed for a variety of applications
MAL-C002R UOT-MAL-C002R Datasheet
42Kb / 2P
Striped type light source designed for a variety of applications
logo
Omron Electronics LLC
E52-P10AE OMRON-E52-P10AE Datasheet
2Mb / 33P
A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
logo
Rochester Electronics
CLC425A ROCHESTER-CLC425A Datasheet
609Kb / 1P
ULTRA LOW NOISE OP AMP with a wide variety of applications Operational Amplifier
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
A wide variety of products including dust-proof type.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
A wide variety of products including dust-proof type
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
Wide variety of reflectors available
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
For a variety of applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com