Electronic Components Datasheet Search
  English  ▼

X  

EC21C Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # EC21C
Description  Insulated shaft type with a wide variety of applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC21C Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  EC21C Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
289
EC12/12mm Size Insulated Shaft Type
17.5
3
5
0.5
14.1
12.5
A
C
D
B
E
3.5
ø6.8
Mounting surface
5 (6)
Switch travel
EC12E
EC12D
Dimensions
Unit:mm
No.
4
5
Photo
Style
PC board mounting hole dimensions
(Viewed from mounting side)
Locating lug detail
No thread area
1
3.5
LM1
7
5.5
3.5
M9x0.75
Mounting surface
R1
A
14
12.4
(8.2)
2.5
X
X
Y
Y
13.2
2
3-ø1
2
5
C
A
B
holes
With bushing type
With push-on switch
type
13.3
11.1
2.05
2.05
5.95
A
CD
B
E
5-ø1.05 holes
A
-
-
LM1
20
25
R1
7
12
5
30
12
Output Wave
A signal
B signal
OFF
ON
ON
OFF
CW direction
Detent stability position
(When the switch is provided)
Sliding Noise
5V DC
RR
Terminal B
Terminal A
Terminal C
Encoder
Test circuit
tt
V1
V2
ON
ON
OFF
Output waveform
Sliding direction
t : Masking time to avoid chattering
Measurement condition:Rotation speed 360
˚/s
EC12E
EC12D
V1 =V2 = 1.5V max.
At R = 10k Ω
Chattering : 3ms max.
Bounce : 2ms max.
V1 =V2 = 2.5V max.
At R = 5k Ω
Chattering : 3ms max.
Bounce : 2ms max.
A signal
B signal
ON
OFF
OFF
ON
CW direction
Detent stability position
※Detent position cannot be specified for B signal.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com