Electronic Components Datasheet Search
  English  ▼

X  

EC21C Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # EC21C
Description  Insulated shaft type with a wide variety of applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC21C Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  EC21C Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
290
12mm Size Insulated Shaft Type/Product Varieties
12mm Size Insulated Shaft Type / Switch Specifications
Switch type
Momentary push switch
Contact arrangement
Single pole and single throw(Push-on)
Travel(mm)
0.5±0.3
Operating force
3 +1.5
− 1 N, 6
+ 2.5
− 2 N
Operating life
30,000 times
Electrical
performance
Rating
1mA 5V DC (10mA 5V DC max. ratings)
Contact resistance
100mΩ max. for initial period, 200mΩ max. after operating life.
Insulation resistance
100MΩ min. 250V DC
Voltage proof
300V AC for 1 minute or 360V AC for 1s
Shaft Dimensions
Flat Type
Unit:mm
With bushing type
High collar type
LM1
R1
20
25
30
35
A
—
—
5
5
7
12
12
12
LM1
R1
17.5
20
22.5
25
5
7
7
12
12
30
Detailed dimensions
Excluding the 12 detent type
※ Not available for types without detents
※
※
Detailed dimensions
LM1
R1
Mounting surface
Locating lug detail
No thread area
1
3.5
LM1
7
5.5
3.5
M9x0.75
Mounting surface
R1
A
14
12.4
(8.2)
2.5
X
X
Y
Y



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com