Electronic Components Datasheet Search
  English  ▼

X  

ES5 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # ES5
Description  Detachable locking structure (connector retention strength: 16N min.)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

ES5 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  ES5 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MB-0246-3
2/9
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
Copper alloy / Sn plating
Socket Contact
Plug Contact
Material / Finish
Component
ES5 S 001 J F A R****
Series
No. of Contacts
Modification Code
Reel Product (Note 1)
Connection Area Plating
F: Sn plating (Pb-free)
Receptacle
Connection to Board
J: SMT angle type
Note 1: An embossed tape reel contains 5,500 pieces.
ES5 P **K * F *
Series
Reel Product
K: Unit quantity, in thousands
(Note 2)
Modification Code
Connection Area Plating
F: Sn plating (Pb-free)
Plug
Applicable Wire Size
Note 2: An embossed tape reel contains 9,000 pieces.
Materials and Finishes
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com