Electronic Components Datasheet Search
  English  ▼

X  

ES5 Datasheet(PDF) 9 Page - Japan Aviation Electronics Industry, Ltd.

Part # ES5
Description  Detachable locking structure (connector retention strength: 16N min.)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

ES5 Datasheet(HTML) 9 Page - Japan Aviation Electronics Industry, Ltd.

  ES5 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MB-0246-3
9/9
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
T703470 (for semi-automatic crimping machine)
*Please contact us for handling instructions for full-automatic
crimping machine.
Crimp Applicator
Handling
Instructions
T700316
Hand-crimp Tool
Handling
Instructions
T711179
Removal Jig
Handling
Instructions
JAHL-10914 (ES5, applicable wire: 24AWG to 26AWG)
JAHL-10946 (ES5, applicable wire: 22AWG)
Handling
Instructions
JACS-10914 (ES5, applicable wire: 24AWG to 26AWG)
JACS-10946 (ES5, applicable wire: 22AWG)
Specifications
SJ112415 (ES5 socket, individual product)
SJ112416 (ES5 socket, embossed packaging product)
SJ112417 (ES5 plug, applicable wire: 24AWG to 26AWG)
SJ113264 (ES5 plug, applicable wire: 22AWG)
SJ Drawing
Technical Document No.
(Contents of Document)
Product Marketing Division
Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539
Phone: +81-3-3780-2882 FAX: +81-3-3780-2946
* The specifications in this brochure are subject to change without notice. Please contact JAE for information.
Notice:
1. The values specified in this brochure are only for reference. The products and their specifications are subject to change without notice.
Contact our sales staff for further information before considering or ordering any of our products.
For purchase, a product specification must be agreed upon.
2. Users are requested to provide protection circuits and redundancy circuits to ensure safety of the equipment, and sufficiently review the
suitability of JAE's products to the equipment.
3. The products presented in this brochure are designed for the uses recommended below.
We strongly suggest you contact our sales staff when considering use of any of the products in any other way than the recommended
applications or for a specific use that requires an extremely high reliability.
(1) Applications that require consultation:
(i) Please contact us if you are considering use involving a quality assurance program that you specify or that is peculiar to the industry,
such as:
Automotive electrical components, train control, telecommunications devices (mainline), traffic light control, electric power, combustion
control, fire prevention or security systems, disaster prevention equipment, etc.
(ii) We may separately give you our support with a quality assurance program that
you specify, when you think of a use such as :
Aviation or space equipment, submarine repeaters, nuclear power control systems, medical equipment for life support, etc.
(2) Recommended applications include:
Computers, office appliances, telecommunications devices (terminals, mobile units), measuring equipment, audiovisual equipment, home
electric appliances, factory automation equipment, etc
Technical Documents



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com