Electronic Components Datasheet Search
  English  ▼

X  

ES5 Datasheet(PDF) 8 Page - Japan Aviation Electronics Industry, Ltd.

Part # ES5
Description  Detachable locking structure (connector retention strength: 16N min.)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

ES5 Datasheet(HTML) 8 Page - Japan Aviation Electronics Industry, Ltd.

  ES5 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MB-0246-3
8/9
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
ES5S001JF1R5500 (Note 1)
ES5S001JFAR5500
ES5P09K5F1 (Note 1)
24 to 28AWG
ES5P09K5FA
24 to 26AWG
ES5P09K4F2
22AWG
Board Side Terminal (Socket)
Crimp Terminal (Plug)
Note 1) For more information please refer to our brochure for the ES5 Series
(Standard Product) (MB-0243-2).
Board Side Terminal (Socket)
Crimp Terminal (Plug)
ES5 Mating Combinations
cULus Certified Product
Standard Product (cULus non-compliant)
cULus Certified Product
cULus Certified Product
cULus Certified Product



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com