Electronic Components Datasheet Search
  English  ▼

X  

ES5 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # ES5
Description  Detachable locking structure (connector retention strength: 16N min.)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

ES5 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  ES5 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. ES5 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0246-3
May 2013
1/9
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
Socket (ES5S001JFA)
Plug (ES5P09K5FA: 24 to 26AWG)
(ES5P09K4F2: 22AWG)
ES5 Series
(cULus Certified Product)
RoHS Compliant
The ES5 Series is a compact, low-profile 1-pin connector that is compatible with
stranded cable. This connector is perfect for use in a wide range of applications
including LED lighting, LCD TV backlight, tablet PC, and other compact devices.
The ES5 Series is cULus Certified Product.
No. of Contacts: 1 position
Contact Resistance: 30m
max. (initial)
Rated Current:
AC / DC 4A
(when using 24 to 26AWG)
AC / DC 6A
(when using 22AWG)
Mating Cycles: 20 times
Features
General Specifications
 cULus certification: File No. E351164
 No insulator, low-profile design (connector height: 1.6mm).
 Detachable locking structure (connector retention strength: 16N min.).
 Mis-mating prevention structure.
 Receptacle is available in embossed reel packaging for automated mounting.
 RoHS compliant.
 Exclusively for stranded cable.
Operating Temperature:
-40 Deg. C to +105 Deg. C
Applicable Wire:
(1) ES5P09K5FA: 24 to 26AWG
(Outer cable diameter: 1.6 to 0.9 mm)
(2) ES5P09K4F2: 22AWG
(Outer cable diameter: 1.6 to 0.9 mm)
*Please contact us concerning applicable cable.


Similar Part No. - ES5

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
True RMS-to-DC Converter
logo
ABB
ES50 ABB-ES50 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
logo
Howard Butler Ltd
ES50-2 HOBUT-ES50-2 Datasheet
244Kb / 4P
DIN RANGE PANEL METERS
logo
Ecliptek Corporation
ES51 ECLIPTEK-ES51 Datasheet
95Kb / 4P
4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106 Datasheet
756Kb / 20P
3 1/2 DIGIT A/D CONVERTER W/LCD
More results

Similar Description - ES5

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
MS2205 CIT-MS2205 Datasheet
124Kb / 1P
DPDT Switch Function, 1000Vrms min Dielectric Strength
logo
List of Unclassifed Man...
CA3108E10SLA4S ETC2-CA3108E10SLA4S Datasheet
4Mb / 34P
High strength aluminum alloy connector, High strength plastic insulators
logo
E-SWITCH
N802102 E-SWITCH-N802102 Datasheet
77Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802104 E-SWITCH-N802104 Datasheet
94Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802106 E-SWITCH-N802106 Datasheet
109Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802110 E-SWITCH-N802110 Datasheet
169Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
logo
OSA Opto Light GmbH
150234-1060 OSA-150234-1060 Datasheet
43Kb / 2P
Structure
logo
TE Connectivity Ltd
C-293300 TEC-C-293300 Datasheet
709Kb / 3P
IMPROVED LOCKING RETENTION TEETH
logo
CITIZEN ELECTRONICS CO....
CLU028-1201C4 CITIZEN-CLU028-1201C4_18 Datasheet
625Kb / 15P
Ra70 Min, Ra80 Min. Model
logo
PHOENIX CONTACT
0443036 PHOENIX-0443036 Datasheet
66Kb / 5P
Ground modular terminal block - USLKG 16N-1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com