Electronic Components Datasheet Search
  English  ▼

X  

MIC45116 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC45116
Description  20V/6A DC/DC Power Module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45116 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC45116 Datasheet HTML 19Page - Microchip Technology MIC45116 Datasheet HTML 20Page - Microchip Technology MIC45116 Datasheet HTML 21Page - Microchip Technology MIC45116 Datasheet HTML 22Page - Microchip Technology MIC45116 Datasheet HTML 23Page - Microchip Technology MIC45116 Datasheet HTML 24Page - Microchip Technology MIC45116 Datasheet HTML 25Page - Microchip Technology MIC45116 Datasheet HTML 26Page - Microchip Technology MIC45116 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
 2016 Microchip Technology Inc.
DS20005571A-page 23
MIC45116
5.0
APPLICATION INFORMATION
5.1
Output Capacitor Selection
The type of the output capacitor is usually determined
by the application and its equivalent series resistance
(ESR). Voltage and RMS current capability are two
other important factors for selecting the output
capacitor. Recommended capacitor types are MLCC,
OS-CON and POSCAP. The output capacitor’s ESR is
usually the main cause of the output ripple. The
MIC45116 requires ripple injection and the output
capacitor ESR affects the control loop from a stability
point of view.
Equation 5-1 shows how the maximum value of ESR is
calculated.
EQUATION 5-1:
The total output ripple is a combination of the ESR and
output capacitance. The total ripple is calculated in
Equation 5-2:
EQUATION 5-2:
As described in the Theory of Operation subsection in
the Functional Description, the MIC45116 requires at
least 20 mV peak-to-peak ripple at the FB pin to make
the gm amplifier and the error comparator behave
properly. Also, the output voltage ripple should be in
phase with the inductor current. Therefore, the output
voltage ripple caused by the output capacitors value
should be much smaller than the ripple caused by the
output capacitor ESR. If low-ESR capacitors, such as
ceramic capacitors, are selected as the output
capacitors, a ripple injection method should be applied
to provide enough feedback voltage ripple. Please refer
to Ripple Injection subsection for more details.
The output capacitor RMS current is calculated in
Equation 5-3:
EQUATION 5-3:
The power dissipated in the output capacitor is:
EQUATION 5-4:
5.2
Input Capacitor Selection
The input capacitor for the power stage input PVIN
should be selected for ripple current rating and voltage
rating.
The input capacitor must be rated for the input current
ripple. The RMS value of input capacitor current is
determined at the maximum output current. Assuming
the peak-to-peak inductor current ripple is low:
EQUATION 5-5:
The power dissipated in the input capacitor is:
EQUATION 5-6:
The general rule is to pick the capacitor with a ripple
current rating equal to or greater than the calculated
worst-case RMS capacitor current.
Equation 5-7 should be used to calculate the input
capacitor. Also it is recommended to keep some margin
on the calculated value:
EQUATION 5-7:
ESR
COUT
V
OUT PP

I
LPP

---------------------------
Where:
∆VOUT(PP) Peak-to-peak output voltage ripple
∆IL(PP)
Peak-to-peak inductor current
ripple
V
OUT PP

I
LPP

C
OUT
f
SW
8
--------------------------------------


2
I
LPP

ESR
COUT

2
+
=
Where:
D
Duty cycle
COUT
Output capacitance value
fSW
Switching frequency
I
COUT RMS

I
LPP

12
------------------
=
P
DISS COUT

I
COUT RMS

2
ESR
COUT
=
I
CIN RMS

I
OUT MAX

D
1 D
–

P
DISS CIN

I
CIN RMS

2
ESR
CIN
=
C
IN
I
OUT MAX

1 D
–

f
SW
dV
---------------------------------------------------
Where:
dV
Input ripple
fSW
Switching frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com