Electronic Components Datasheet Search
  English  ▼

X  

MIC45116 Datasheet(PDF) 24 Page - Microchip Technology

Part # MIC45116
Description  20V/6A DC/DC Power Module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45116 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MIC45116 Datasheet HTML 20Page - Microchip Technology MIC45116 Datasheet HTML 21Page - Microchip Technology MIC45116 Datasheet HTML 22Page - Microchip Technology MIC45116 Datasheet HTML 23Page - Microchip Technology MIC45116 Datasheet HTML 24Page - Microchip Technology MIC45116 Datasheet HTML 25Page - Microchip Technology MIC45116 Datasheet HTML 26Page - Microchip Technology MIC45116 Datasheet HTML 27Page - Microchip Technology MIC45116 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
MIC45116
DS20005571A-page 24
 2016 Microchip Technology Inc.
5.3
Output Voltage Setting
Components
The MIC45116 requires two resistors to set the output
voltage as shown in Figure 5-1.
FIGURE 5-1:
Voltage Divider
Configuration.
The output voltage is determined by Equation 5-8:
EQUATION 5-8:
A typical value of RFB1 used on the standard evaluation
board is 10 kΩ. If RFB1 is too large, it may allow noise
to be introduced into the voltage feedback loop. If RFB1
is too small in value, it will decrease the efficiency of the
power supply, especially at light loads. Once RFB1 is
selected, RFB2 can be calculated using Equation 5-9:
EQUATION 5-9:
For fixed RFB1 = 10 kΩ, output voltage can be selected
by RFB2. Table 5-1 provides RFB2 values for some
common output voltages.
5.4
Ripple Injection
The VFB ripple required for proper operation of the
MIC45116 gm amplifier and error comparator is 20 mV
to 100 mV. However, the output voltage ripple is
generally too small to provide enough ripple amplitude
at the FB pin and this issue is more visible in lower
output voltage applications. If the feedback voltage
ripple is so small that the gm amplifier and error
comparator cannot sense it, then the MIC45116 will
lose control and the output voltage is not regulated. In
order to have some amount of VFB ripple, a ripple
injection method is applied for low output voltage ripple
applications.
The applications are divided into three situations
according to the amount of the feedback voltage ripple:
• Enough ripple at the feedback voltage due to the
large ESR of the output capacitors (Figure 5-2).
The converter is stable without any ripple
injection.
FIGURE 5-2:
Enough Ripple at FB.
The feedback voltage ripple is:
EQUATION 5-10:
g
M AMP
FB
R
FB1
R
FB2
V
REF
V
OUT
V
FB
1
R
FB1
R
FB2
------------
+


=
Where:
VFB
0.8V
R
FB2
V
FB
R
FB1
V
OUT
V
FB
–
-----------------------------
=
TABLE 5-1:
VOUT PROGRAMMING
RESISTOR LOOK-UP
RFB2
VOUT
OPEN
0.8V
40.2 kΩ
1.0V
20 kΩ
1.2V
11.5 kΩ
1.5V
8.06 kΩ
1.8V
4.75 kΩ
2.5V
3.24 kΩ
3.3V
1.91 kΩ
5.0V
MIC45116
V
OUT
FB
P
GND
R
FB2
R
FB1
C
OUT
ESR
V
FB PP

R
FB2
R
FB1
R
FB2
+
------------------------------- ESR
C
OUT
I
LPP

=
Where:
∆IL(PP)
Peak-to-Peak Value of the Inductor
Current Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com