Electronic Components Datasheet Search
  English  ▼

X  

MIC45116 Datasheet(PDF) 26 Page - Microchip Technology

Part # MIC45116
Description  20V/6A DC/DC Power Module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45116 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MIC45116 Datasheet HTML 22Page - Microchip Technology MIC45116 Datasheet HTML 23Page - Microchip Technology MIC45116 Datasheet HTML 24Page - Microchip Technology MIC45116 Datasheet HTML 25Page - Microchip Technology MIC45116 Datasheet HTML 26Page - Microchip Technology MIC45116 Datasheet HTML 27Page - Microchip Technology MIC45116 Datasheet HTML 28Page - Microchip Technology MIC45116 Datasheet HTML 29Page - Microchip Technology MIC45116 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
MIC45116
DS20005571A-page 26
 2016 Microchip Technology Inc.
Wherever possible, an infrared thermometer is
recommended. The measurement spot size of most
infrared thermometers is too large for an accurate
reading on a small form factor ICs. However, an IR
thermometer from Optris has a 1 mm spot size, which
makes it a good choice for measuring the hottest point
on the case. An optional stand makes it easy to hold the
beam on the IC for long periods of time.
The safe operating area (SOA) of the MIC45116 is
shown in Figure 10 and Figure 11. These thermal
measurements were taken on MIC45116 evaluation
board with no air flow. Since the MIC45116 is an entire
system comprised of switching regulator controller,
MOSFETs, and inductor, the part needs to be
considered as a system. The SOA curves will give
guidance to reasonable use of the MIC45116.
SOA curves should only be used as a point of
reference. SOA data was acquired using the MIC45116
evaluation board. Thermal performance depends on
the PCB layout, board size, copper thickness, number
of thermal vias, and actual airflow.
FIGURE 5-5:
MIC45116 Power Derating
vs. Output Voltage with 12V Input with No
Airflow.
FIGURE 5-6:
MIC45116 Power Derating
vs. Input Voltage with 1.0V Output with No
Airflow.
AMBIENT TEMPERATURE (°C)
1.0V OUTPUT
3.3V OUTPUT
5.0V OUTPUT
7
6
5
4
3
2
1
75
80
85
90
95
100 105
110
115
120 125
AMBIENT TEMPERATURE (°C)
5V OUTPUT
12V OUTPUT
7
6
5
4
3
2
1
75
80
85
90
95
100 105
110
115
120 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com