Electronic Components Datasheet Search
  English  ▼

X  

MIC45116 Datasheet(PDF) 25 Page - Microchip Technology

Part # MIC45116
Description  20V/6A DC/DC Power Module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45116 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MIC45116 Datasheet HTML 21Page - Microchip Technology MIC45116 Datasheet HTML 22Page - Microchip Technology MIC45116 Datasheet HTML 23Page - Microchip Technology MIC45116 Datasheet HTML 24Page - Microchip Technology MIC45116 Datasheet HTML 25Page - Microchip Technology MIC45116 Datasheet HTML 26Page - Microchip Technology MIC45116 Datasheet HTML 27Page - Microchip Technology MIC45116 Datasheet HTML 28Page - Microchip Technology MIC45116 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
 2016 Microchip Technology Inc.
DS20005571A-page 25
MIC45116
• Inadequate ripple at the feedback voltage due to
the small ESR of the output capacitors.
The output voltage ripple is fed into the FB pin
through a feed-forward capacitor, CFF in this
situation, as shown in Figure 5-3. The typical CFF
value is between 1 nF and 100 nF.
EQUATION 5-11:
With the feed-forward capacitor, the feedback
voltage ripple is very close to the output voltage
ripple.
FIGURE 5-3:
Inadequate Ripple at FB.
• Virtually no ripple at the FB pin voltage due to the
very low ESR of the output capacitors, such is the
case with ceramic output capacitors.
In this situation, the VFB ripple waveform needs to be
generated by injecting suitable signal. A series RC
network between the SW pin and FB pin, RINJ and
CINJ as shown in Figure 5-4 injects a square-wave
current waveform into the FB pin, which, by means of
integration across the capacitor (CFF), generates an
appropriate sawtooth FB ripple waveform.
FIGURE 5-4:
External Ripple Injection
Circuit at FB.
The injected ripple is calculated via:
EQUATION 5-12:
EQUATION 5-13:
In Equation 5-13 and Equation 5-14, it is assumed that
the time constant associated with CFF must be much
greater than the switching period:
EQUATION 5-14:
If the voltage divider resistors RFB1 and RFB2 are in the
kΩ range, a CFF of 1 nF to 100 nF can easily satisfy the
large time constant requirements.
5.5
Thermal Measurements and Safe
Operating Area (SOA)
Measuring the IC’s case temperature is recommended
to ensure it is within its operating limits. Although this
might seem like a very elementary task, it is easy to get
erroneous results. The most common mistake is to use
the standard thermal couple that comes with a thermal
meter. This thermal couple wire gauge is large, typically
22 gauge, and behaves like a heatsink, resulting in a
lower case measurement.
Two methods of temperature measurement are using a
smaller
thermal
couple
wire
or
an
infrared
thermometer. If a thermal couple wire is used, it must
be constructed of 36-gauge wire or higher (smaller wire
size) to minimize the wire heat-sinking effect. In
addition, the thermal couple tip must be covered in
either thermal grease or thermal glue to make sure that
the thermal couple junction is making good contact with
the case of the IC. Omega brand thermal couple
(5SC-TT-K-36-36) is adequate for most applications.
V
FB PP

ESR
COUT
I
LPP

=
V
OUT
FB
PGND
MIC45116
R
FB1
R
FB2
C
FF
C
OUT
ESR
VOUT
FB
SW
PGND
MIC45116
R
FB1
R
FB2
C
FF
C
OUT
ESR
C
INJ
R
INJ
V
FB PP

V
IN
K
div
D
1 D
–

1
f
SW
-----------------
=
Where:
VIN
Power stage input voltage
D
Duty cycle
fSW
Switching frequency
τ
(RFB1//RFB2//RINJ) x CFF
K
div
R
FB1//RFB2
R
INJ
R
FB1//RFB2
+
-----------------------------------------------
=
Where:
RINJ
20 kΩ
1
f
SW
-----------------
T
---
=1
«



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com