Electronic Components Datasheet Search
  English  ▼

X  

MT9072AB Datasheet(PDF) 50 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 50 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 46Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 47Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 48Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 49Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 50Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 51Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 52Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 53Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 54Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 275 page
background image
MT9072
Data Sheet
50
Zarlink Semiconductor Inc.
5.2.2
E1 CRC-4 Multiframing (Timeslot 0)
The primary purpose for CRC-4 multiframing is to provide a verification of the current basic frame alignment,
although it can also be used for other functions such as bit error rate estimation. The CRC-4 multiframe consists of
16 basic frames numbered 0 to 15, and has a repetition rate of 16 frames X 125 microseconds/frame = 2 msec.
CRC-4 multiframe alignment is based on the 001011 bit sequence, which appears in bit position one of the first six
NFASs of a CRC-4 multiframe.
The CRC-4 multiframe is divided into two submultiframes, numbered 1 and 2, which are each eight basic frames or
2048 bits in length.
The CRC-4 frame alignment verification functions as follows. Initially, the CRC-4 operation must be activated and
CRC-4 multiframe alignment must be achieved at both ends of the link. At the local end of a link, all the bits of every
transmit submultiframe are passed through a CRC-4 polynomial (multiplied by X4 then divided by X4 + X + 1), which
generates a four bit remainder. This remainder is inserted in bit position one of the four FASs of the following
submultiframe before it is transmitted (see Table 12).
CRC-4
CRC-4
Frame/Type
PCM30 Channel Zero
1
2
3
45678
0/FAS
C1
0
0
11011
1/NFAS
0
1
A
Sa4
Sa5
Sa6
Sa7
Sa8
2/FAS
C2
0
0
11011
3/NFAS
0
1
A
Sa4
Sa5
Sa6
Sa7
Sa8
4/FAS
C3
0
0
11011
5/NFAS
1
1
A
Sa4
Sa5
Sa6
Sa7
Sa8
6/FAS
C4
0
0
11011
7/NFAS
0
1
A
Sa4
Sa5
Sa6
Sa7
Sa8
8/FAS
C1
0
0
11011
9/NFAS
1
1
A
Sa4
Sa5
Sa6
Sa7
Sa8
10/FAS
C2
0
0
11011
11/NFAS
1
1
A
Sa4
Sa5
Sa6
Sa7
Sa8
12/FAS
C3
0
0
11011
13/NFAS
E1
1A
Sa4
Sa5
Sa6
Sa7
Sa8
14/FAS
C4
0
0
11011
15/NFAS
E2
1A
Sa4
Sa5
Sa6
Sa7
Sa8
Table 12 - CRC-4 FAS and NFAS Structure (E1)
indicates position of CRC-4
multiframe alignment signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com