Electronic Components Datasheet Search
  English  ▼

X  

MT9072AB Datasheet(PDF) 58 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 58 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 54Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 55Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 56Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 57Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 58Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 59Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 60Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 61Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 62Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 275 page
background image
MT9072
Data Sheet
58
Zarlink Semiconductor Inc.
7.1.1
T1 Data Link (DL) Pin Access
When EDLEN(Y06) is set to "1" the data link (DL) bits can be sourced/sinked to and from the TxDL and RxDL pins,
by enabling the corresponding pulses in either gapped clocks or enable low signals provided at the RxDLC and
TxDLC pins. The option of either gapped clock or enable signal is selected by control bit DLCK (Register address
Y06).
In D4 or ESF mode, the optional serial data link operates at 4 khz. In D4 mode the data link pins are used to
send/receive Fs bits only, while the Ft bits are generated internally. See Figures 40 to 43.
7.1.1.1
T1 Data Link (DL) Pin Data Received from PCM24
The RxDLC clock is derived from the receive extracted clock (EXCLi).The B8ZS decoded receive data, at
1.544 Mbit/s, is clocked out of the device on the RxDL pin with the rising edge of EXCLi and is aligned to RXDLC. In
order to facilitate the attachment of this data stream to a Data Link controller, the clock signal RxDLC (falling edge
of EXCLi) consists of positive pulses, of nominal width of 344 ns, during the Fs bit cell times that are selected for the
Data Link, with the rising edge aligned with the middle of the bit cell. DL data will not be lost or repeated when a
receive frame slip occurs as the DL data does not pass through the elastic buffer. See Figures 42 to 43 for timing
requirements.
7.1.1.2
T1 Data Link (DL) Pin Data Sent to PCM24
The TxDLC clock is derived from the transmit clock (TXCL) and is provided one frame before its usage on the
appropriate S-bit. Hence the TXDLC clock is provided one frame before it is used in ESF Mode in Frames 2, 4, 6, 8,
10, 12, 14, 16, 18, 20, 22, 24. See Figures 40 to 41 for timing requirements.
Register
Address
Register
Description
Y06
HDLC and Data Link Control
Register
This register determines the source of the Data Link which can be
the HDLC, Bit Oriented messages or the external Data Link. This
register also controls the type of clocks provided to the external
Data Link interface.
Y07
Transmit bit Oriented Message This register holds the message that will be sent in ESF FDL if the
BOMEN bit in Y06 is set.
Y08
Receive bit Oriented Message
Match
This register is the match register for received bit oriented message
Y12
Receive bit Oriented Message This register holds the value of the receive bit oriented message
Y25
Receive Line Status and Timer
Latch
This register contains bit oriented message and bit oriented
message match latch bits.
Y35
Receive Line and Timer
Interrupt Status
This register contains bit oriented message and bit oriented
message match interrupt status bits.
Y45
Receive Line and Timer
Interrupt Mask
These are the mask bits for Y35.
Table 16 - Registers Related to the Data Link and Bit Oriented Messages (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com