Electronic Components Datasheet Search
  English  ▼

X  

MT9072AB Datasheet(PDF) 139 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 139 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 135Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 136Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 137Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 138Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 139Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 140Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 141Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 142Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 143Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 275 page
background image
MT9072
Data Sheet
139
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-9
#
not used.
8GAIM
(0)
Go Ahead Interrupt Mask. When unmasked an interrupt is generated when go-ahead
pattern (01111111) was detected by the HDLC receiver.
7EOPDIM
(0)
End of Packet Data Interrupt Mask. When unmasked an interrupt is initiated when an end
of packet (EOP) byte was written into the RX FIFO by the HDLC receiver.
6
TEOPIM
(0)
Transmit End of Packet Interrupt Mask. When unmasked an interrupt is initiated when
the transmitter has finished sending the closing flag of a packet or after a packet has been
aborted.
5EOPRIM
(0)
End of Packet Received Interrupt Mask. When unmasked an interrupt is initiated when
the byte about to be read from the RX FIFO is the last byte of the packet. An interrupt is
also initiated if the Rx FIFO is read and there is no data in it.
4TXFLIM
(0)
Transmit Fifo Low Interrupt Mask. When unmasked an interrupt is initiated when the Tx
FIFO is emptied below the selected low threshold level.
3FAIM
(0)
Frame Abort: Transmit Interrupt Mask. When unmasked an interrupt is initiated this bit
(FA) is set when a frame abort is received during packet reception. It must be received after
a minimum number of bits have been received (26) otherwise it is ignored.
2
TXUNDERIM
(0)
Transmit Fifo Underrun Interrupt Mask. When unmasked an interrupt is initiated for TX
FIFO underrun indication.
1RXFFIM
(0)
Receive Fifo full Threshold interrupt Mask. When unmasked an interrupt is initiated
whenever the Rx FIFO is filled above the 16 byte threshold level.
0RXOVFLIM
(0)
Receive Fifo Overflow Interrupt Mask. When unmasked an interrupt is initiated
whenever the 32 byte RX FIFO overflowed (i.e., an attempt to write to a 32 byte full RX
FIFO).
Table 105 - HDLC Interrupt Mask Register(Y43) (T1)
Bit
Name
Functional Description
15
FEOIM
(0)
Framing Bit Error Counter Overflow Interrupt Mask. When unmasked an interrupt is
initiated whenever the framing bit error counter changes from FFH to 00H. 1 -masked, 0 -
unmasked.
14
CRCOIM
(0)
CRC-6 Error Counter Overflow Interrupt Mask. When unmasked an interrupt is initiated
whenever the CRC-6 error counter changes from FFH to 00H. 1 - masked, 0 - unmasked.
13
OOFOIM
(0)
Out Of Frame Counter Overflow Interrupt Mask. When unmasked an interrupt is
initiated whenever the out of frame counter changes state from changes from FFH to 00H.
1 - masked, 0 - unmasked.
12
COFAOIM
(0)
Change of Frame Alignment Counter Overflow Interrupt Mask. When unmasked an
interrupt is initiated whenever the change of frame alignment counter changes from FFH to
00H. 1 - masked, 0 - unmasked.
Table 106 - Receive and Sync Interrupt Mask Register(Y44) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com