Electronic Components Datasheet Search
  English  ▼

X  

MT9072AB Datasheet(PDF) 168 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 168 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 164Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 165Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 166Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 167Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 168Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 169Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 170Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 171Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 172Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 275 page
background image
MT9072
Data Sheet
168
Zarlink Semiconductor Inc.
17.2.2.8
Timeslot 0-31 Control Registers Address (Y90-YAF) Summary
yyyy 1000 0001 Y81
Channel 16 Receive CAS Data A16, B16, C16, D16
yyyy 1000 0010 Y82
Channel 17 Receive CAS Data A17, B17, C17, D17
yyyy 1000 0011 Y83
Channel 18 Receive CAS Data A18, B18, C18, D18
yyyy 1000 0100 Y84
Channel 19 Receive CAS Data A19, B19, C19, D19
yyyy 1000 0101 Y85
Channel 20 Receive CAS Data A20, B20, C20, D20
yyyy 1000 0110 Y86
Channel 21 Receive CAS Data A21, B21, C21, D21
yyyy 1000 0111 Y87
Channel 22 Receive CAS Data A22, B22, C22, D22
yyyy 1000 1000 Y88
Channel 23 Receive CAS Data A23, B23, C23, D23
yyyy 1000 1001 Y89
Channel 24 Receive CAS Data A24, B24, C24, D24
yyyy 1000 1010 Y8A
Channel 25 Receive CAS Data A25, B25, C25, D25
yyyy 1000 1011 Y8B
Channel 26 Receive CAS Data A26, B26, C26, D26
yyyy 1000 1100 Y8C
Channel 27 Receive CAS Data A27, B27, C27, D27
yyyy 1000 1101 Y8D
Channel 28 Receive CAS Data A28, B28, C28, D28
yyyy 1000 1110 Y8E
Channel 29 Receive CAS Data A29, B29, C29, D29
yyyy 1000 1111 Y8F
Channel 30 Receive CAS Data A30, B30, C30, D30
upper data bits (B15-4) are not used and may be any value if read
see the Register Group Address Summary for an explanation of yyyy and Y
Binary Address
(A10-A0)
Hex
Address
Register
Control Bits
(Upper byte B15 - B8 unused, B8 - B0 are shown)
yyyy 1001 0000
Y90
Timeslot 0 Control
Set to 0
yyyy 1001 0001
Y91
Timeslot 1 Control
RADI1,MPDR1,MPDR1,CASS1, TADI1, RTSL1, LTSL1,
TTST1, RRST1, MPDT1, #
yyyy 1001 0010
Y92
Timeslot 2 Control
RADI2,MPDR2,MPDR2,CASS2, TADI2, RTSL2, LTSL2,
TTST2, RRST2, MPDT2, #
yyyy 1001 0011
Y93
Timeslot 3 Control
RADI3,MPDR3,MPDR3,CASS3,T ADI3, RTSL3, LTSL3,
TTST3, RRST3, MPDT3, #
yyyy 1001 0100
Y94
Timeslot 4 Control
RADI4,MPDR4,MPDR4,CASS4, TADI4, RTSL4, LTSL4,
TTST4, RRST4, MPDT4, #
yyyy 1001 0101
Y95
Timeslot 5 Control
RADI5,MPDR5,MPDR5,CASS5, TADI5, RTSL5, LTSL5,
TTST5, RRST5, MPDT5, #
Table 139 - Timeslot 0-31 Control Register (R/W) Address (Y9X, YAX) Summary (E1)
Binary Address
(A10-A0)
Hex
Address
Register
Data Bits
(Upper bits B15 - B4 unused, B3 - B0 are shown)
Table 138 - Receive CAS Data Register (R) Address (Y7X,Y8X) Summary (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com