Electronic Components Datasheet Search
  English  ▼

X  

MT9072AB Datasheet(PDF) 268 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 268 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 264Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 265Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 266Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 267Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 268Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 269Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 270Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 271Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 272Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 275 page
background image
MT9072
Data Sheet
268
Zarlink Semiconductor Inc.
Figure 69 - Receive Data Link Pin Functional Timing
RxBF
(Output)
Timeslot 0
Bit
1
Bit
0
Bit
7
Bit
6
Bit
5
Bit
2
Bit
4
Bit
3
Bit
7
Bit
6
Bit
5
Bit
4
Bit
1
Bit
0
Bit
7
Bit
6
Bit
5
Bit
2
Bit
4
Bit
3
Timeslot 31
Timeslot 1
Bit
Sa7
Bit
Sa8
Bit
Sa6
Bit
Sa4
Bit
Sa5
Bit
7
Bit
6
Bit
5
Bit
7
Bit
6
Bit
5
Bit
4
Bit
1
Bit
0
Bit
7
Bit
6
Bit
5
Bit
2
Bit
4
Bit
3
Example A - 20 kbit/s clock output
Example B - 12 kbit/s clock output
Sa4 to Sa8 clocked in by External Device
Sa4, Sa7 and Sa8 clocked in by External Device
RxDLC - Note 2
(Output)
RxDLC - Note 2
(Output)
RxDL
(Output)
E2i
RXDL
PCM 30
Bit Cells
Example B - enable output
Sa4, Sa7 and Sa8 clocked in by External Device
RxDLC - Note 3
(Output)
RxDLC - Note 3
(Output)
Example A - enable output
Sa4 to Sa8 clocked in by External Device
Note 1 - RxDLC output applies for every second frame (RxBF) pulse (250 us) only
Note 2 - Clock output provided by setting control bit DLCK=1 (register address Y08)
Note 3 - Enable output provided by clearing control bit DLCK=0 (register address Y08)
Note 4 - PCM Timeslot is with reference to RXDL Output. It is delayed 4 bits from RPOS/RNEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com