| Electronic Components Datasheet Search |
|
ML7029 Datasheet(PDF) 7 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML7029 Datasheet(HTML) 7 Page - LAPIS Semiconductor Co., Ltd. |
|
7 / 29 page ![]() FEDL7029-04 ML7029 7/29 DEN, EXCK, DIN, DOUT Serial control ports for MCU interface. Reading and writing data are performed by an external MCU through these pins. The 8-byte cotrol registers (CR0 to 7) are provided on the device. DEN is the “Enable” control signal input, EXCK is the data shift clock input, DIN is the address and data input, and DOUT is the data output. Figures 2-1 and 2-2 show the input/output timing diagram. During power-down, the DOUT output is in a high impedance state. Figure 2-1 MCU Interface Input/Output Timing (DIN = 12 bits) (a) Data Write Timing Diagram (b) Data Read Timing Diagram EXCK A2 A1 A0 W B7 B6 B5 B4 B3 B2 B1 B0 DEN DIN DOUT High Impedance EXCK DEN A2 A1 A0 R DIN B7 B6 B5 B4 B3 B2 B1 B0 DOUT High Impedance EXCK DEN DIN EXCK DEN DIN Figure 2-2 MCU Interface Input/Output Timing (DIN = 16 bits) DOUT DOUT B7 B6 B5 B4 B3 B2 B1 B0 (a) Data Write Timing Diagram High Impedance A2 A1 A0 W (b) Data Read Timing Diagram A2 A1 A0 R B7 B6 B5 B4 B3 B2 B1 B0 High Impedance |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |