Electronic Components Datasheet Search
  English  ▼

X  

ML7029 Datasheet(PDF) 9 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7029
Description  Multifunction ADPCM CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7029 Datasheet(HTML) 9 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7029 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
FEDL7029-04
ML7029
9/29
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
VDD
—
–.3 to +5.0
V
Analog Input Voltage
VAIN
—
–0.3 to VDD+0.3
V
Digital Input Voltage
VDIN
—
–0.3 to VDD+0.3
V
Storage Temperature
Tstg
—
–55 to +150
C
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power Supply Voltage
VDD
Voltage must be fixed
+2.7
3.0
+3.6
V
Operating Temperature
Range
Ta
—
–25
+25
+70
C
Digital Input High Voltage
VIH
Digital Input Pins
0.45
 VDD
—
VDD
V
Digital Input Low Voltage
VIL
Digital Input Pins
0
—
0.16
VDD
V
Master Clock Frequency
fMCK1
MCK
7.776
10.368
20.736
MHz
Master Clock Frequency
Accuracy
fMCK2
MCK
–0.01%
SYNC

1296
+0.01%
MHz
Bit Clock Duty
fBCK
BCLK
SYNC
8—
SYNC

256
kHz
Sampling Frequency (*1)
fSYNC
SYNC
6.0
8.0
16
kHz
Master Clock Duty Ratio
DMCK
MCK
(20.736 MHz)
30
50
70
%
Clock Duty Ratio
DCLK
BCLK, EXCK
30
50
70
%
Digital Input Rise Time
tir
Digital Input Pins
—
—
50
ns
Digital Input Fall Time
tif
Digital Input Pins
—
—
50
ns
PCM Sync Signal Setting
Time (Continuous BCLK)
tBS
BCLK
SYNC
(see Fig. 3-1)
100
—
—
ns
PCM Sync Signal Setting
Time (Burst Mode Clock)
tSB
BCLK
SYNC
(see Fig. 3-2)
0
—
20
s
SYNC Signal Width
(Continuous BCLK)
tWS
SYNC (see Fig. 3-1)
1BCLK
—
SYNC –1
BCLK
s
SYNC Signal Width
(Burst Mode Clock)
tWSB
SYNC (see Fig. 3-2)
1BCLK
—
Burst
Clock –1
s
PCM, ADPCM Setup Time
tDS
—
100
—
—
ns
PCM, ADPCM Hold Time
tDH
—
100
—
—
ns
Digital Output Load
CDL
Digital Output Pins
—
—
100
pF
Bypass Capacitors for SG
CSG
SG to AG
10+0.1
—
—
F
*1: Refer to the Appendix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com