Electronic Components Datasheet Search
  English  ▼

X  

ML7029 Datasheet(PDF) 25 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7029
Description  Multifunction ADPCM CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7029 Datasheet(HTML) 25 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7029 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
FEDL7029-04
ML7029
25/29
APPENDIX
When the Sampling Frequency is 16 kHz or Higher:
This device enables the operation at 16 kHz or higher sampling frequencies under conditions below. However,
be aware that the AC characteristics are not guaranteed under these conditions.
Operating Conditions at Sampling Frequency = 19 kHz
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power Supply Voltage
VDD
Voltage must be fixed
3.0
—
3.6
V
Operating Temperature Range
Ta
—
–25
—
+50
C
Digital Input High Voltage
VIH
Digital input pin
0.95
VDD
—
VDD
V
Digital Input Low Voltage
VIL
Digital input pin
0
0.05
VDD
V
Master Clock Frequency
fMCK1
MCK
—
24.624
—
MHz
Master Clock Frequency Accuracy
fMCK2
MCK
–0.01%
SYNC
 1296
+0.01
MHz
Sampling Frequency
fSYNC
SYNC
—
19
—
kHz
Master Clock Duty Ratio
DMCK
—
40
—
70
%
Transmit S/N Ratio
(at 3 dBm0 input)
SD19T1
—
—
46.2
—
dB
Transmit S/N Ratio
(at –40 dBm0 input)
SD19T2
—
—
24.8
—
dB
Receive S/N Ratio
(at 3 dBm0 input)
SD19R1
—
—
45.4
—
dB
Receive S/N Ratio
(at –40 dBm0 input)
SD19R2
—
—
38.0
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com