Electronic Components Datasheet Search
  English  ▼

X  

ML7029 Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7029
Description  Multifunction ADPCM CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7029 Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  ML7029 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
FEDL7029-04
Issue Date: Jun. 8, 2007
ML7029
Multifunction ADPCM CODEC
1/29
GENERAL DESCRIPTION
The ML7029 is a single channel ADPCM CODEC IC which performs mutual transcoding between the analog
voice band signal and 32 kbps ADPCM serial data.
FEATURES
 Single 3 V Power Supply Operation (VDD: 2.7 to 3.6 V)
 ADPCM Algorithm:
ITU-T G.726 (32 kbps, 24 kbps, 16 kbps)
 Full-Duplex Transmit/Receive Operation
 Transmit/Receive Synchronous Mode Only
 PCM Data Format:
-law
 Serial PCM/ADPCM Transmission Data Rate:
64 kbps to 2048 kbps (when SYNC = 8 kHz)
 Low Power Consumption
Operating Mode:
18 mW Typ. (VDD = 3.0 V, SYNC = 8 kHz)
Power-Down Mode:
0.03 mW Typ. (VDD = 3.0 V, SYNC = 8 kHz)
 Sampling Frequency:
6 kHz to 21 kHz selectable (However, there are
limitations to 16 kHz or higher frequencies)
 Master Clock Frequency:
Sampling frequency
 1296
When SYNC = 8 kHz: 10.368 MHz
 Transmit/Receive Mute, Transmit/Receive Programmable Gain Control
 Side Tone Path with Programmable Attenuation (8-Step Level Adjustment)
 Serial MCU Interface Control
 Package:
30-pin plastic SSOP (SSOP30-P-56-0.65-K) (ML7029)


Similar Part No. - ML7029

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7029 OKI-ML7029 Datasheet
163Kb / 29P
Multifunction ADPCM CODEC
logo
List of Unclassifed Man...
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
Multifunction ADPCM CODEC
More results

Similar Description - ML7029

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7540 OKI-MSM7540 Datasheet
156Kb / 16P
Single Rail ADPCM CODEC
MSM7540L OKI-MSM7540L Datasheet
131Kb / 15P
Single Rail ADPCM CODEC
MSM7570-01 OKI-MSM7570-01 Datasheet
173Kb / 26P
Multi-Function ADPCM CODEC
MSM7590L-01 OKI-MSM7590L-01 Datasheet
173Kb / 26P
Multi-Function ADPCM CODEC
logo
ELAN Microelectronics C...
EM77565 EMC-EM77565 Datasheet
318Kb / 25P
ADPCM WITH PCM CODEC
logo
OKI electronic componet...
ML7029 OKI-ML7029 Datasheet
163Kb / 29P
Multifunction ADPCM CODEC
logo
List of Unclassifed Man...
VS1103B ETC2-VS1103B Datasheet
559Kb / 61P
MIDI/ADPCM AUDIO CODEC
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
Multifunction ADPCM CODEC
logo
Motorola, Inc
MC14LC5540 MOTOROLA-MC14LC5540 Datasheet
193Kb / 18P
ADPCM Codec
MC145540 MOTOROLA-MC145540 Datasheet
854Kb / 116P
ADPCM Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com