Electronic Components Datasheet Search
  English  ▼

X  

DM562P Datasheet(PDF) 40 Page - Davicom Semiconductor, Inc.

Part # DM562P
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562P Datasheet(HTML) 40 Page - Davicom Semiconductor, Inc.

Back Button DM562P Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 44Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
40
Final
Chip 2 : DM6580 Analog Front End
DM6580 Description
The DM6580 is a single chip Analog Front End (AFE)
designed to be implemented in voice grade modems
for data rates up to 56000bps. The DM6580 is an
essential part the complete modem device set. The
AFE converts the analog signal into digital form and
transfers the digital data to the DSP through the serial
port. All the clock information needed in a modem
device is also generated in the DM6580. Differential
analog outputs are provided to achieve the maximum
output signal level. An audio monitor with
programmable volume levels is built in to monitor the
on-line signal. Inside the device, a 16-bit ADC and a
16-bit DAC with over-sampling and noise-shaping
techniques is implemented to maximize performance.
The DM6580 offers wide-band transmit and receive
filters so that the voice band signal is transmitted or
received without amplitude distortion and with
minimum group delay. In order to support multi-mode
modem standards, such as V.90, V.34+, V.32bis,
V.32, V.22bis, V.22, V.23, V.21, Bell 212A, Bell 103,
V.17, V.29, V.27ter,
programmable baud and data
rate clock generators are provided. For asymmetric
channel usage, the transmit and receive clock
generators are independent. In order to enhance
echo-cancellation, the receive clock is synchronized
with the transmit clock and the best receive timing
sample is reconstructed by a reconstruction filter. The
Transmit Digital Phase Lock Loop (DPLL) is
self-tuning to provide a master, slave or free-running
mode for the data terminal interface. A receive DPLL
that is step programmable by the host DSP is
implemented to get the best samples for the relevant
signal processing.
DM6580 Block Diagram
RxSCLK
RxDCLK
RFS
DOR
DIR
TFS
DOT
DIT
Digital
Reconstruction
Filter
SCLK
Digital
Interface
Rx Clock
System
Tx Clock
System
Divider
Control
Registers
Tx Filter &
DAC
Rx Filter &
ADC
LPF &
Attenuator
Voltage Reference
0/-6 dB
Audio Amplifier
Power-on
Detector
SPKR
RxIN
VREFN
VREFP
TxA2
TxA1
CLKIN
TxSCLK*2
TxDCLK
ExtCLK
VCM
Version: DM562P-DS-F01
February 02, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com