Electronic Components Datasheet Search
  English  ▼

X  

DM562P Datasheet(PDF) 26 Page - Davicom Semiconductor, Inc.

Part # DM562P
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562P Datasheet(HTML) 26 Page - Davicom Semiconductor, Inc.

Back Button DM562P Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 30Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
26
Final
Bit
Default
Type
Description
31
0
R/C
Detected Parity Error
The DM6588 samples the AD[0:31], C/BE[0:3]#, and the PAR
signal to check parity and to set parity errors.
30
0
R/C
Signaled System Error
This bit is set when the SERR# signal is driven by the
DM6588. This system error occurs when an address parity is
detected under the condition that bit 8 and bit 6 in command
register below are set.
29
0
R/C
Master Abort Detected
The DM6588 will never support the function
28
0
R/C
Target Abort Detected
The DM6588 will never support the function
27
0
RO
Send Target Abort (0 For No Implementation)
The DM6588 will never support the function.
26:25
10
RO
DEVSEL Timing (10 Select Slow Timing)
Slow timing of DEVSEL# means the DM6588 will assert
DEVSEL# signal two clocks after FRAME# is sample
“asserted.”
24
0
R/C
Data Parity Error Detected
The DM6588 will never support the function
23
0
RO
Slave mode Fast Back-To-Back Capable (1 For Good
Capability)
The DM6588 will never support the function
22
0
RO
User-Definable-Feature Supported
(0 For No Support)
21
0
RO
66 MHz Capable (0 For No Capability)
20
1
RO
_WR
New Capabilities
This bit indicates whether this function implements a list of
extended capabilities such as PCI power management. When
set this bit indicates the presence of New Capabilities. A value
of 0 means that this function does not implement New
Capabilities.
19:16
0000
RO
Reserved
Version: DM562P-DS-F01
February 02, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com