Electronic Components Datasheet Search
  English  ▼

X  

DM562P Datasheet(PDF) 10 Page - Davicom Semiconductor, Inc.

Part # DM562P
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562P Datasheet(HTML) 10 Page - Davicom Semiconductor, Inc.

Back Button DM562P Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 14Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
10
Final
Version: DM562P-DS-F01
February 02, 2004
92,93,
95,96,
97,98
92,93,
95,96,
97,98
92,93,
95,96,
97,98
99,100,
101,102,
103,104,
105,106
99,100,
101,102,
103,104,
105,106
99,100,
101,102,
103,104,
105,106
D7,D6,
D5,D4,
D3,D2,
D1,D0
I/O
Controller Data Bus
108
108
108
FR_SP2
I/O
Frame Signal Of Serial Port 2
109
109
109
FR_SP1
I/O
Frame Signal Of Serial Port 1
110
110
110
/POR
O
DSP Reset Output
111
112
111
112
111
112
VOICE Se1 1
VOICE Se1 2
O
Modem Control Output
Memory map is bit 1-2 of DAA at memory address
D000H
114
114
114
CODEC_CLK
O
20.16MHz Clock Output For DM6580 Chip
115
115
115
OSCO
O
Optional Codec X’tal clock output
116
116
116
OSCI
I
Optional Codec X’tal clock input
117
117
117
TEST1
I
Test pin 1,normal ground
119
119
119
TD_SP2
O
Data Output Pin Of Serial Port 2
The serial data is clocked out through this pin
according to the rising edge of SCLK. The MSB is
sent immediately after the falling edge of the
FR_SP2 signal.
120
120
120
PS1
O
Modem Control Port Select Output:
Memory address mapping of the controller is
D800H.
122
122
122
EXT/INTB
I
Select Pin: Used to select internal or external
operation.
0: internal modem, PCI or ISA.
1: external modem
7,14,15,
16,17,26,
27,38,39,
40,41,44,
53,54,55,
56,64,65,
75,121,
124,125,
126,127
7,8,
14,15,16,
17,21,25,
26,27,28,
32,38,39,
40,41,44,
51,52,53,
554,55,56,
64,65,75,
79,121,
124,125,
126,127
NC
N
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com