Electronic Components Datasheet Search
  English  ▼

X  

NE021 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NE021
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NE021 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NE021 Datasheet HTML 1Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 2Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 3Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 4Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 5Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 6Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 7Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 8Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NE021 SERIES
TYPICAL PERFORMANCE CURVES (TA = 25°C)
NE02107, NE02135
GAIN vs. FREQUENCY
NE02133
GAIN vs. FREQUENCY
Frequency, f (GHz)
Frequency, f (GHz)
40
32
24
16
8
0
0.1
0.2
0.3
0.5
0.7
1.0
2.0
MAG
|S21| 2
VCE = 10 V
IC = 20 mA
MAG
|S21|
2
40
VCE = 10 V
IC = 20mA
32
24
16
8
0
0.1
0.2
0.3
0.5
0.7
1.0
2.0
0
10
20
30
40
50
60
70
30
100 MHz
500 MHz
2 GHz
VCE = 10 V
1 GHz
25
20
15
10
5
0
Collector Current, IC (mA)
NE02107
INSERTION GAIN vs.
COLLECTOR CURRENT
Collector Current, IC (mA)
Frequency, f (GHz)
VCE = 10 V
IC = 5 mA
5
NE02133
NE02100, NE02107, NE02135
GA
NF
4
3
2
1
0
0.1
0.2
0.3
0.5
0.7
1
2
3
20
16
12
8
4
0
NOISE FIGURE AND ASSOCIATED
GAIN vs. FREQUENCY
NOISE FIGURE vs.
COLLECTOR CURRENT
500
300
200
100
70
50
1
2
3
5 7
10
20
30
50 70 100
fT
hFE
VCE = 10 V
5.0
3.0
2.0
1.0
0.7
0.5
Collector Current, IC (mA)
GAIN BANDWIDTH PRODUCT
AND FORWARD CURRENT GAIN
vs. COLLECTOR CURRENT
VCE = 10 V
2 GHz
0.5 GHz
NE02133
NE02107, NE02135
5
4
3
2
0
1
2
3
5
7
10
20
30
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com