Electronic Components Datasheet Search
  English  ▼

X  

NE021 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # NE021
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NE021 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  NE021 Datasheet HTML 1Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 2Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 3Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 4Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 5Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 6Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 7Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 8Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TYPICAL COMMON EMITTER SCATTERING PARAMETERS1 (TA = 25°C)
NE021 SERIES
Coordinates in Ohms
Frequency in GHz
(VCE = 10 V, IC = 20 mA)
NE02100
VCE = 10 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
K
MAG2
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
100
.84
-32
11.83
160
.03
70
.94
-16
.11
26.4
500
.75
-114
7.22
113
.07
36
.56
-45
.29
19.9
1000
.73
-150
4.13
89
.09
27
.39
-51
.54
16.9
1500
.71
-164
2.85
76
.09
27
.36
-56
.77
15.0
2000
.71
-173
2.16
66
.10
28
.33
-61
.97
13.5
2500
.71
-179
1.75
57
.10
30
.33
-67
1.14
10.1
3000
.70
176
1.49
49
.11
32
.34
-73
1.25
8.3
3500
.70
172
1.28
42
.12
33
.35
-80
1.35
6.9
4000
.70
168
1.13
34
.12
34
.37
-88
1.41
5.9
4500
.70
165
1.02
27
.13
34
.39
-94
1.47
4.9
5000
.70
161
.92
20
.14
35
.41
-100
1.49
4.2
VCE = 10 V, IC = 10 mA
100
.75
-47
20.04
153
.02
65
.89
-24
.11
29.2
500
.72
-137
9.40
105
.05
34
.41
-57
.39
22.5
1000
.72
-162
4.97
86
.06
34
.27
-62
.69
19.0
1500
.71
-173
3.37
75
.07
38
.23
-66
.92
16.8
2000
.71
-179
2.56
66
.08
41
.22
-71
1.09
13.2
2500
.71
176
2.05
58
.09
43
.23
-76
1.19
10.9
3000
.71
172
1.74
51
.10
44
.24
-82
1.27
9.2
3500
.71
168
1.50
44
.11
44
.25
-88
1.31
7.9
4000
.70
165
1.33
37
.12
44
.27
-95
1.36
6.8
4500
.70
162
1.19
30
.13
44
.29
-100
1.39
5.9
5000
.70
159
1.08
24
.14
43
.31
-106
1.39
5.1
VCE = 10 V, IC = 20 mA
100
.68
-70
29.75
145
.02
59
.81
-33
.14
31.6
500
.72
-152
10.58
99
.04
37
.30
-65
.53
24.3
1000
.72
-170
5.42
84
.05
43
.19
-69
.87
20.4
1500
.72
-178
3.65
74
.06
48
.17
-73
1.05
16.4
2000
.72
177
2.74
66
.07
50
.17
-78
1.17
13.2
2500
.72
172
2.21
58
.09
51
.17
-83
1.23
11.3
3000
.71
169
1.86
51
.10
52
.19
-87
1.27
9.7
3500
.71
166
1.61
44
.11
51
.20
-93
1.30
8.4
4000
.71
162
1.42
38
.12
51
.22
-99
1.34
7.3
4500
.71
160
1.28
31
.13
49
.24
-105
1.33
6.4
5000
.71
157
1.15
25
.14
48
.27
-109
1.34
5.6
Notes:
1. S-Parameters include bond wires.
BASE:Total 1 wire (s), 1 per bond pad, 0.0115 (291 µm) long each wire.
COLLECTOR: Total 1 wire (s), 1 per bond pad, 0.0072" (182 µm)
long each wire.
2. Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
EMITTER: Total 2 wire (s), 1 per side, 0.015" (393 µm) long each wire.
WIRE: 0.0007' (17.7 µm) dia., gold.
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
0
10
25
50
100
S11
5 GHz
S11
0.1 GHz
S22
5 GHz
S22
0.1 GHz
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
0˚
20
15
10
0.4 0.3 0.2 0.1
0.5
S12
0.1 GHz
S21
5 GHz
S21
0.1 GHz
S21 25
S12
5 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com