Electronic Components Datasheet Search
  English  ▼

X  

NE021 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NE021
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NE021 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NE021 Datasheet HTML 1Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 2Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 3Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 4Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 5Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 6Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 7Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 8Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PLEASE
NOTE:
PLEASE
NOTE:
PLEASE
NOTE:
PLEASE
NOTE:
PLEASE
NOTE:
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
from
this
datasheet
are
from
this
datasheet
are
from
this
datasheet
are
from
this
datasheet
are
from
this
datasheet
are
nonpromotive:
nonpromotive:
nonpromotive:
nonpromotive:
nonpromotive:
NE02100
NE02100
NE02100
NE02100
NE02100
NE02133
NE02133
NE02133
NE02133
NE02133
NE02139
NE02139
NE02139
NE02139
NE02139
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
from
this
datasheet
are
from
this
datasheet
are
from
this
datasheet
are
from
this
datasheet
are
from
this
datasheet
are
discontinued:
discontinued:
discontinued:
discontinued:
discontinued:
NE02107
NE02107
NE02107
NE02107
NE02107
NE02135
NE02135
NE02135
NE02135
NE02135
Please
call
sales
office
for
Please
call
sales
office
for
Please
call
sales
office
for
Please
call
sales
office
for
Please
call
sales
office
for
details.
details.
details.
details.
details.
NEC's NPN SILICON HIGH
FREQUENCY TRANSISTOR
NE021
SERIES
FEATURES
• HIGH INSERTION GAIN: 18.5 dB at 500 MHz
• LOW NOISE FIGURE: 1.5 dB at 500 MHz
• HIGH POWER GAIN: 12 dB at 2 GHz
• LARGE DYNAMIC RANGE: 19 dBm at 1 dB,
2 GHz Gain Compression
DESCRIPTION
NEC's NE021 series of NPN silicon transistors provides eco-
nomical solutions to wide ranges of amplifier and oscillator
problems. Low noise and high current capability provide low
intermodulation distortion. The NE021 series is available as a
chip or in several package styles. The series uses the NEC
gold, platinum, titanium, and platinum-silicide metallization
system to provide the utmost in reliability. NE02107 is avail-
able in both common-base and common-emitter configura-
tions and has been qualified for high-reliability space applica-
tions.
00 (CHIP)
07/07B
35 (MICRO-X)
33 (SOT 23 STYLE)
39 (SOT 143 STYLE)
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 10 V, IC = 20 mA
500
1.8
17.5
0.11
156
.20
1000
2.1
12.5
0.27
168
.16
1500
2.3
9.5
0.36
-156
.18
2000
2.6
7.5
0.43
-147
.21
NE02139
TYPICAL NOISE PARAMETERS (TA = 25°C)
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 10 V, IC = 5 mA
500
1.2
18.60
.36
69
.14
1000
1.5
13.82
.31
124
.12
1500
2.0
11.83
.50
165
.05
2000
2.4
9.36
.44
-175
.06
2500
2.6
7.82
.52
-161
.10
3000
3.6
7.51
.68
-141
.14
3500
3.7
6.31
.71
-139
.21
VCE = 10 V, IC = 20 mA
500
1.8
21.32
.16
149
.15
1000
1.9
16.15
.33
169
.13
1500
2.4
13.50
.46
-179
.09
2000
2.9
11.02
.53
-167
.08
2500
3.2
9.12
.57
-154
.14
3000
3.9
8.10
.62
-139
.27
3500
4.3
6.48
.67
-134
.42
NE02135
TYPICAL NOISE PARAMETERS (TA = 25°C)
California Eastern Laboratories


Similar Part No. - NE021

ManufacturerPart #DatasheetDescription
logo
NEC
NE021 NEC-NE021 Datasheet
635Kb / 14P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE021 CEL-NE021 Datasheet
184Kb / 12P
HIGH INSERTION GAIN: 18.5 dB at 500 MHz
NE02100 CEL-NE02100 Datasheet
184Kb / 12P
HIGH INSERTION GAIN: 18.5 dB at 500 MHz
logo
Advanced Semiconductor
NE02103 ASI-NE02103 Datasheet
38Kb / 1P
NPN SILICON RF TRANSISTOR
logo
California Eastern Labs
NE02107 CEL-NE02107 Datasheet
184Kb / 12P
HIGH INSERTION GAIN: 18.5 dB at 500 MHz
More results

Similar Description - NE021

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
NEC
NE680 NEC-NE680 Datasheet
246Kb / 19P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE856 NEC-NE856 Datasheet
257Kb / 25P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE681 NEC-NE681 Datasheet
218Kb / 20P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
NECs NPN SILICON TRANSISTOR
04/26/2004
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
NECs NPN SILICON TRANSISTOR
06/13/2002
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
NECs NPN SILICON TRANSISTOR
logo
celduc-relais
NE85619-A CELDUC-NE85619-A Datasheet
832Kb / 26P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com