Electronic Components Datasheet Search
  English  ▼

X  

NE021 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NE021
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NE021 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NE021 Datasheet HTML 3Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 4Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 5Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 6Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 7Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 8Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 9Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 10Page - List of Unclassifed Manufacturers NE021 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
Coordinates in Ohms
Frequency in GHz
(VCE = 10 V, IC = 20 mA)
NE021 SERIES
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
NE02107
VCE = 10 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
100
.82
-36
13.90
157
.01
73
.95
-16
500
.70
-125
7.38
107
.07
35
.54
-47
1000
.68
-161
4.17
82
.08
25
.39
-59
1500
.68
-178
2.87
66
.09
24
.38
-68
2000
.68
170
2.18
53
.10
26
.37
-78
2500
.67
159
1.73
40
.11
22
.38
-90
3000
.67
151
1.49
28
.12
23
.40
-102
3500
.68
142
1.27
17
.13
19
.43
-112
4000
.68
134
1.16
6
.14
17
.45
-122
VCE = 10 V, IC = 10 mA
100
.69
-54
22.57
150
.01
69
.89
-23
500
.67
-145
9.37
100
.05
36
.39
-58
1000
.67
-172
5.00
79
.06
36
.27
-70
1500
.67
175
3.40
65
.08
37
.26
-77
2000
.67
165
2.57
53
.09
40
.25
-87
2500
.67
15
2.07
41
.11
35
.28
-97
3000
.67
146
1.80
30
.12
34
.31
-108
3500
.67
137
1.53
20
.14
30
.34
-116
4000
.67
130
1.41
8
.15
23
.36
-125
VCE = 10 V, IC = 20 mA
100
.58
-79
31.63
142
.01
65
.81
-32
500
.67
-161
10.57
95
.03
45
.28
-68
1000
.67
179
5.47
77
.04
46
.19
-78
1500
.67
168
3.70
64
.07
46
.19
-84
2000
.67
159
2.78
53
.09
48
.20
-96
2500
.67
150
2.26
42
.11
44
.23
-105
3000
.68
142
1.96
31
.12
39
.25
-114
3500
.67
134
1.68
21
.14
36
.28
-122
4000
.68
127
1.53
9
.16
27
.31
-128
VCE = 10 V, IC = 30 mA
100
.55
-96
35.99
137
.01
63
.75
-37
500
.67
-167
10.79
93
.02
48
.24
-69
1000
.68
176
5.52
75
.04
53
.17
-77
1500
.68
166
3.75
63
.07
52
.17
-83
2000
.68
158
2.81
52
.09
53
.18
-96
2500
.68
148
2.26
41
.11
46
.21
-106
3000
.68
141
1.96
30
.13
42
.24
-115
3500
.68
133
1.66
20
.14
38
.27
-123
4000
.68
126
1.51
9
.16
29
.30
-131
Note:
1. Gain Calculations:
0.236
35.562
1.157
24.914
1.192
18.752
1.028
16.271
1.065
13.383
1.057
11.669
1.008
11.227
1.066
9.175
0.984
9.749
0.170
35.001
0.774
25.470
1.205
18.622
1.041
15.998
1.077
13.207
1.058
11.658
1.063
10.601
1.065
9.238
0.947
9.806
0.085
33.535
0.489
22.728
0.821
19.208
0.907
16.284
1.071
12.933
1.052
11.355
1.074
10.096
1.046
9.080
1.023
8.803
0.022
31.430
0.345
20.230
0.628
17.170
0.783
15.036
0.928
13.385
1.081
10.227
1.116
8.867
1.119
7.802
1.101
7.249
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
0
10
25
50
100
S11
4 GHz
S11
0.1 GHz
S22
4 GHz
S22
0.1 GHz
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
0˚
24
18
12
6
.10 .15 .20 .25
0.5
S21 30
S12
4 GHz
S21
0.1 GHz
S21
4 GHz
S12
0.1 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com