Electronic Components Datasheet Search
  English  ▼

X  

NE894M13 Datasheet(PDF) 5 Page - NEC

Part # NE894M13
Description  NPN SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE894M13 Datasheet(HTML) 5 Page - NEC

  NE894M13 Datasheet HTML 1Page - NEC NE894M13 Datasheet HTML 2Page - NEC NE894M13 Datasheet HTML 3Page - NEC NE894M13 Datasheet HTML 4Page - NEC NE894M13 Datasheet HTML 5Page - NEC NE894M13 Datasheet HTML 6Page - NEC NE894M13 Datasheet HTML 7Page - NEC NE894M13 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NE894M13
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
Note:
1. Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K ≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
NE894M13
VC = 1 V, IC = 5 mA
0.10
0.772
- 11.0
13.002
169.8
0.011
85.6
0.966
- 8.4
0.10
30.55
0.20
0.747
- 24.6
12.548
159.5
0.022
76.8
0.928
- 15.8
0.17
27.54
0.30
0.715
- 36.5
11.948
150.4
0.032
70.6
0.883
- 22.5
0.22
25.75
0.40
0.677
- 47.7
11.241
142.4
0.040
66.2
0.835
- 28.3
0.27
24.50
0.50
0.612
- 59.5
10.457
134.1
0.046
61.3
0.758
- 31.4
0.39
23.57
0.60
0.575
- 68.8
9.699
127.9
0.051
58.2
0.707
- 35.7
0.44
22.79
0.70
0.544
- 76.9
8.993
122.5
0.056
56.5
0.658
- 39.1
0.50
22.09
0.80
0.517
- 84.6
8.364
117.7
0.059
54.9
0.623
- 41.6
0.54
21.50
0.90
0.493
- 91.3
7.756
113.5
0.062
54.1
0.590
- 44.1
0.59
20.94
1.00
0.474
- 97.3
7.228
109.6
0.065
53.6
0.558
- 45.9
0.65
20.46
2.00
0.383
-135.0
4.155
84.4
0.088
58.8
0.411
- 59.5
1.01
16.27
3.00
0.362
-155.9
2.920
68.1
0.120
67.4
0.383
- 73.2
1.10
11.97
4.00
0.355
-175.7
2.253
54.6
0.162
72.0
0.412
- 88.5
1.05
10.08
5.00
0.352
169.2
1.821
44.0
0.215
73.4
0.476
- 98.4
0.95
9.28
6.00
0.339
158.2
1.561
36.0
0.281
72.6
0.512
-103.6
0.86
7.44
7.00
0.359
145.9
1.390
28.0
0.358
68.5
0.522
-114.0
0.81
5.89
8.00
0.394
132.7
1.251
20.9
0.438
62.5
0.523
-127.0
0.79
4.56
9.00
0.432
121.6
1.137
14.9
0.513
55.6
0.521
-142.1
0.80
3.45
10.00
0.466
110.0
1.026
10.5
0.569
48.7
0.543
-157.6
0.84
2.56
11.00
0.489
99.5
0.930
8.9
0.609
43.9
0.572
-165.7
0.87
1.84
12.00
0.489
92.9
0.878
9.3
0.653
40.4
0.567
-168.8
0.90
1.28
0.100 to 12.000 GHz by 0.050
j50
j25
j10
10
25
-j10
-j25
-j50
-j100
j100
0
50
100
0
S11
S22
0.100 to 12.000GHz by 0.050
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
0˚
S12
S21



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com