Electronic Components Datasheet Search
  English  ▼

X  

NE894M13 Datasheet(PDF) 8 Page - NEC

Part # NE894M13
Description  NPN SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE894M13 Datasheet(HTML) 8 Page - NEC

  NE894M13 Datasheet HTML 1Page - NEC NE894M13 Datasheet HTML 2Page - NEC NE894M13 Datasheet HTML 3Page - NEC NE894M13 Datasheet HTML 4Page - NEC NE894M13 Datasheet HTML 5Page - NEC NE894M13 Datasheet HTML 6Page - NEC NE894M13 Datasheet HTML 7Page - NEC NE894M13 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
EXCLUSIVE NORTH AMERICAN AGENT FOR NEC RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
Internet: http://WWW.CEL.COM
03/18/2002
DATA SUBJECT TO CHANGE WITHOUT NOTICE
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
NE894M13
Parameters
Q1
Parameters
Q1
IS
137e-18
MJC
0.24
BF
129
XCJC
0.3
NF
0.9992
CJS
0
VAF
22.4
VJS
0.75
IKF
2.8
MJS
0
ISE
229e-15
FC
0.55
NE
2.5
TF
5e-12
BR
81.7
XTF
0.05
NR
0.9944
VTF
0.5
VAR
1.9
ITF
0.005
IKR
0.018
PTF
0
ISC
227e-18
TR
1.0e-9
NC
1.17
EG
1.11
RE
0.75
XTB
0
RB
5
XTI
3
RBM
3
KF
117e-15
IRB
0.005
AF
1.34
RC
6
CJE
0.68e-12
VJE
0.92
MJE
0.26
CJC
0.16e-12
VJC
0.64
(1) Gummel-Poon Model
SCHEMATIC
Parameters
NE894M13
CCB
0.01 pF
CCE
0.4 pF
LB
0.3 nH
LE
0.42 nH
CCBPKG
0.05 pF
CCEPKG
0.05 pF
LBX
0.05 nH
LCX
0.05 nH
LEX
0.05 nH
ADDITIONAL PARAMETERS
MODEL TEST CONDITIONS
Frequency:
0.1 to 10 GHz
Bias:
VCE = 0.5 V to 2 V, IC = 0.5 mA to 20 mA
Date:
11/2001
BJT NONLINEAR MODEL PARAMETERS(1)
Base
Emitter
Collector
LBPKG
0.05 nH
LB
0.3 nH
LEPKG
0.05 nH
LE
0.42 nH
LCPKG
0.05 nH
CCBPKG
0.05 pF
CCB
0.01 pF
CCE
0.4 pF
CCEPKG
0.05 pF
Q1
NONLINEAR MODEL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com