Electronic Components Datasheet Search
  English  ▼

X  

NE894M13 Datasheet(PDF) 7 Page - NEC

Part # NE894M13
Description  NPN SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE894M13 Datasheet(HTML) 7 Page - NEC

  NE894M13 Datasheet HTML 1Page - NEC NE894M13 Datasheet HTML 2Page - NEC NE894M13 Datasheet HTML 3Page - NEC NE894M13 Datasheet HTML 4Page - NEC NE894M13 Datasheet HTML 5Page - NEC NE894M13 Datasheet HTML 6Page - NEC NE894M13 Datasheet HTML 7Page - NEC NE894M13 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NE894M13
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
Note:
1. Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K ≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
NE894M13
VC = 2 V, IC = 10 mA
0.10
0.634
- 14.2
21.168
166.5
0.010
85.7
0.945
- 10.0
0.19
33.43
0.20
0.601
- 30.0
19.847
154.5
0.017
75.7
0.890
- 18.5
0.28
30.64
0.30
0.559
- 43.3
18.259
144.2
0.024
70.8
0.826
- 25.6
0.36
28.79
0.40
0.515
- 55.3
16.598
135.6
0.029
67.6
0.763
- 31.2
0.43
27.51
0.50
0.451
- 67.4
14.913
127.5
0.034
64.9
0.676
- 33.5
0.56
26.40
0.60
0.417
- 77.1
13.497
121.5
0.038
63.7
0.621
- 37.1
0.62
25.49
0.70
0.391
- 84.8
12.240
116.5
0.042
63.5
0.572
- 39.6
0.68
24.65
0.80
0.369
- 92.2
11.177
112.3
0.045
63.2
0.539
- 41.3
0.73
23.93
0.90
0.351
- 98.6
10.239
108.5
0.049
63.5
0.510
- 42.9
0.78
23.24
1.00
0.337
-104.1
9.431
105.2
0.052
63.9
0.481
- 43.9
0.82
22.61
2.00
0.279
-137.6
5.194
83.8
0.084
70.4
0.363
- 52.7
1.04
16.74
3.00
0.266
-155.9
3.616
69.6
0.123
74.0
0.345
- 64.5
1.05
13.31
4.00
0.262
-175.2
2.787
57.5
0.168
74.7
0.373
- 79.7
1.00
11.92
5.00
0.255
170.3
2.259
47.6
0.217
73.9
0.439
- 89.6
0.93
10.17
6.00
0.237
161.9
1.936
39.8
0.276
72.7
0.483
- 93.7
0.86
8.47
7.00
0.259
151.8
1.731
32.0
0.344
69.3
0.499
-102.7
0.81
7.02
8.00
0.300
139.9
1.571
24.6
0.418
64.4
0.505
-114.4
0.78
5.75
9.00
0.347
129.8
1.439
17.8
0.493
58.5
0.508
-128.5
0.77
4.65
10.00
0.392
117.8
1.303
12.0
0.555
52.3
0.535
-144.5
0.78
3.71
11.00
0.425
106.1
1.170
8.7
0.600
47.5
0.573
-153.9
0.80
2.90
12.00
0.433
99.2
1.080
7.5
0.648
44.1
0.581
-157.6
0.82
2.22
0.100 to 12.000 GHz by 0.050
j50
j25
j10
10
25
-j10
-j25
-j50
-j100
j100
0
50
100
0
S11
S22
0.100 to 12.000GHz by 0.050
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
0˚
S12
S21



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com