Electronic Components Datasheet Search
  English  ▼

X  

FT8U245AM Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # FT8U245AM
Description  USB FIFO - Fast Parallel Data Transfer IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT8U245AM Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  FT8U245AM Datasheet HTML 1Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 2Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 3Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 4Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 5Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 6Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 7Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 8Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Future Technology Devices Intl.
FT8U245AM Preliminary Information Rev 0.9 – Subject to Change
Figure 1 – FT8U245AM Block Diagram ( Simplified )
Figure 2 – FT8U245AM I.C. Pinout
x8 Clock
Multiplier
Serial Interface
Engine
( SIE )
USB
Protocol Engine
FIFO Transmit
Buffer
384 Bytes
FIFO Receive
Buffer
128 Bytes
3.3 Volt
LDO
Regulator
USB
Transceiver
USB DPLL
6MHZ
Oscillator
48MHz
12MHz
XTIN
XTOUT
USBDP
USBDM
3V3OUT
VCC
RCCLK
RESET#
TEST
GND
FIFO
Controller
D0
D1
D2
D3
D4
D5
D6
D7
EEPROM
Interface
RD#
WR
EEREQ#
EEGNT#
EECS
EESK
EEDATA
RXF#
TXE#
EESK
EEDATA
VCC
RESET#
TEST
3V3OUT
USBDP
USBDM
GND
D7
D6
D5
D4
D3
D2
D1
1
8
9
16
17
24
25
32
FT245AM
XXYY
FTDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com