Electronic Components Datasheet Search
  English  ▼

X  

FT8U245AM Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # FT8U245AM
Description  USB FIFO - Fast Parallel Data Transfer IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT8U245AM Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  FT8U245AM Datasheet HTML 1Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 2Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 3Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 4Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 5Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 6Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 7Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 8Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Future Technology Devices Intl.
FT8U245AM Preliminary Information Rev 0.9 – Subject to Change
Table 1 - FT8U245AM - PINOUT DESCRIPTION
Pin #
Signal
Type
Description
7
USBDP
I/O
USB Data Signal Plus – Requires 1.5k pull-up to 3V3OUT
8
USBDM
I/O
USB Data Signal Minus
6
3V3OUT
OUT
3.3 volt Output from integrated regulator
27
XTIN
IN
Input to 6MHz Crystal Oscillator Cell
28
XTOUT
OUT
Output from 6MHz Crystal Oscillator Cell
31
RCCLK
I/O
RC timer – used to guarantee clock stability on exiting sleep
mode. Clamped low during reset or sleep condition.
4
RESET#
IN
Resets entire device using external RC network
32
EECS
I/O
Optional EEPROM – Chip Select
1
EESK
I/O
Optional EEPROM – Clock
2
EEDATA
I/O
Optional EEPROM – Data I/O
5
TEST
IN
Puts device in i.c. test mode – must be tied to GND
25
D0
I/O
Bi-directional Data Bus Bit # 0
24
D1
I/O
Bi-directional Data Bus Bit # 1
23
D2
I/O
Bi-directional Data Bus Bit # 2
22
D3
I/O
Bi-directional Data Bus Bit # 3
21
D4
I/O
Bi-directional Data Bus Bit # 4
20
D5
I/O
Bi-directional Data Bus Bit # 5
19
D6
I/O
Bi-directional Data Bus Bit # 6
18
D7
I/O
Bi-directional Data Bus Bit # 7
16
RD#
IN
Enables Current FIFO Data Byte on D0..D7.when low.
Fetches the next FIFO Data Byte ( if available ) from the
Receive FIFO Buffer when RD# goes from low to high.
15
WR
IN
Writes the Data Byte on the D0..D7 into the Transmit FIFO
Buffer when WR goes from high to low.
14
TXE#
OUT
When high, do not write data into the FIFO. When low, data can
be written into the FIFO by strobing WR high then low.
12
RXF#
OUT
When high, do not read data from the FIFO. When low, there is
data available in the FIFO which can be read by strobing RD#
low then high again.
11
EEREQ#
IN
Requests the EEPROM contents to be accessed via the Data
Bus.
10
EEGNT#
OUT
When low, allows the EEPROM contents to be accessed via the
Data Bus.
3,13,26
VCC
PWR
Device - +4.4 volt to +5.25 volt Power Supply Pins
9.17
GND
PWR
Device – Ground Supply Pins
30
AVCC
PWR
Device - Analog Power Supply for the internal x8 clock multiplier
29
AGND
PWR
Device - Analog Ground Supply for the internal x8 clock
multiplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com