Electronic Components Datasheet Search
  English  ▼

X  

FT8U245AM Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT8U245AM
Description  USB FIFO - Fast Parallel Data Transfer IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT8U245AM Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT8U245AM Datasheet HTML 1Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 2Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 3Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 4Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 5Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 6Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 7Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 8Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FT8U245AM
Future Technology Devices Intl.
FT8U245AM Preliminary Information Rev 0.9 – Subject to Change
USB FIFO - Fast Parallel Data Transfer IC
FEATURES
•
Single Chip Fast Data Transfer Solution
•
Send / Receive Data over USB at up to 1 M
Bytes / sec
•
384 byte FIFO Transmit buffer / 128 byte FIFO
receive buffer for high data throughput
•
Simple interface to CPU or MCU bus
•
No in-depth knowledge of USB required as all
USB Protocol is handled automatically within
the I.C.
•
FTDI’s Virtual COM port drivers eliminate the
need for USB driver development in most
cases.
•
Compact 32 pin ( 7mm x 7mm ) MQFP package
•
Integrated 6MHz - 48MHz Clock Multiplier aids
FCC and CE compliance
•
Integrated 3.3v Regulator – No External
Regulator Required
•
4.4v .. 5.25v Single Supply Operation
•
UHCI / OHCI Compliant
•
USB 1.1 Specification Compliant
•
USB VID, PID, Serial Number and Product
Description Strings in external E2PROM.
Virtual COM Port Drivers for –
Windows 98 and Windows 98 SE
Windows 2000
Windows Millennium **
Apple iMAC **
Linux **
•
Application Areas
USB ISDN and ADSL Modems
High Speed USB
Ù
Ù PDA Communications
USB I/F for Digital Cameras
USB I/F for MP3 players
High Speed USB Instrumentation
USB
Ù
Ù USB data transfer cables
USB
Ù
Ù USB null-modem cables
GENERAL DESCRIPTION
The FT8U245AM provides an easy cost-effective method of transferring data to / from a peripheral and a
host P.C. at up to 8 Million bits ( 1 Megabyte ) per second. It’s simple FIFO-like design makes it easy to interface
to any CPU ( MCU ) either by mapping the device into the Memory / IO map of the CPU, using DMA or controlling
the device via IO ports.
To send data from the peripheral to the host P.C. simply write the byte wide data into the device when the
transmitter empty status bit is not active. If the ( 384 byte ) transmit buffer fills up, the device de-asserts
transmit empty in order to stop further data being written to the device until some of the FIFO data has been
transferred over USB.
When the host P.C. sends data to the peripheral over USB, the device will assert the receiver full status
bit to let the peripheral know that data is available. The peripheral then reads the data until the receiver full
status bit goes inactive, indicating no more data is available to read.
By using FTDI’s virtual COM Port drivers, the peripheral looks like a standard COM Port to the application
software. Commands to set the baud rate are ignored – the device always transfers data at it’s fastest rate
regardless of the application’s baud rate setting.


Similar Part No. - FT8U245AM

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT8U232 FTDI-FT8U232 Datasheet
40Kb / 13P
U-UART - USB UltraBaud Data Transfer IC with RS232 / RS422 and CPU I/F Options
FT8U232AM FTDI-FT8U232AM Datasheet
40Kb / 13P
U-UART - USB UltraBaud Data Transfer IC with RS232 / RS422 and CPU I/F Options
More results

Similar Description - FT8U245AM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT245BL ETC-FT245BL Datasheet
505Kb / 24P
FT245BL USB FIFO ( USB - Parallel ) I.C.
logo
Future Technology Devic...
FT245BM FTDI-FT245BM Datasheet
550Kb / 24P
USB FIFO ( USB - Parallel ) I.C.
FT245BQ FTDI-FT245BQ Datasheet
555Kb / 24P
USB FIFO ( USB - Parallel ) I.C.
logo
List of Unclassifed Man...
DLP-USB1 ETC1-DLP-USB1 Datasheet
63Kb / 6P
USB to FIFO Parallel Interface Module
logo
Future Technology Devic...
FT245BL FTDI-FT245BL Datasheet
538Kb / 24P
USB FIFO ( USB - Parallel ) I.C.
FT232R FTDI-FT232R_10 Datasheet
774Kb / 43P
USB UART IC - Single chip USB to asynchronous serial data transfer interface
FT245R FTDI-FT245R_10 Datasheet
772Kb / 37P
USB FIFO IC - Single chip USB to parallel FIFO bidirectional data transfer interface
logo
Freescale Semiconductor...
USB2SER FREESCALE-USB2SER Datasheet
1Mb / 28P
USB to UART Application Specific IC Single chip USB to UART Data Transfer
logo
Future Technology Devic...
FT245RL-REEL FTDI-FT245RL-REEL Datasheet
778Kb / 37P
FT245R USB FIFO IC
FT240XS-R FTDI-FT240XS-R Datasheet
754Kb / 40P
USB 8-BIT FIFO IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com