Electronic Components Datasheet Search
  English  ▼

X  

FT8U245AM Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT8U245AM
Description  USB FIFO - Fast Parallel Data Transfer IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT8U245AM Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT8U245AM Datasheet HTML 5Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 6Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 7Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 8Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 9Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 10Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 11Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 12Page - Future Technology Devices International Ltd. FT8U245AM Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Future Technology Devices Intl.
FT8U245AM Preliminary Information Rev 0.9 – Subject to Change
Absolute Maximum Ratings
Storage Temperature …………………………………………………….
-65
oC to + 150oC
Ambient Temperature ( Power Applied )………………………………..
0
oC to + 70oC
VCC Supply Voltage ……………………………………………….……..
-0.5v to +6.00v
DC Input Voltage - Inputs ………………………………………………..
-0.5v to VCC + 0.5v
DC Input Voltage - High Impedance Bidirectionals ……………………
-0.5v to VCC + 0.5v
DC Output Current – Outputs ……………………………………………
24mA
DC Output Current – Low Impedance Bidirectionals ………………….
24mA
Power Dissipation …………………………………………………………
500mW
DC Characteristics ( Ambient Temperature = 0 .. 70 Degrees C )
Description
Min
Max
Units
Conditions
VCC
Operating Supply Voltage
4.4
5.25
v
Icc1
Operating Supply Current
50
mA
Normal Operation
Icc2
Operating Supply Current
250
uA
USB Suspend
Ioh1
Digital IO Pins Source Current
4
mA
Voh = VCC – 0.5v
Iol1
Digital IO Pins Sink Current
4
mA
Vol = + 0.5v
Voh1
Input Voltage Threshold ( Low )
0.6
v
Vol1
Input Voltage Threshold ( High )
2.7
v
VDif
USB Differential Input Sensitivity
0.2
v
VCom
USB Differential Common Mode
0.8
2.5
v
URxt
USB Single Ended Rx Threshold
0.8
2.0
v
UVh
USB IO Pins Static Output ( Low )
0.3v
Rl = 1.5k to 3.6v
UVl
USB IO Pins Static Output ( High )
2.8
Rl = 15k to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com