Electronic Components Datasheet Search
  English  ▼

X  

SI3012 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # SI3012
Description  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3012 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button SI3012 Datasheet HTML 36Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 37Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 38Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 39Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 40Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 41Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 42Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 43Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
Si 30 35
40
Rev. 1.2
Reset settings = N/A
Reset settings = N/A
Register 11. Chip Revision
Bit
D7D6D5D4D3D2
D1D0
Name
REVA
Type
R[3:0]
Bit
Name
Function
7:4
Reserved
Read returns zero.
3:0
REVA[3:0]
Chip Revision.
Four-bit value indicating the revision of the Si3021 (DSP-side) chip.
Register 12. Line Side Status
Bit
D7D6D5
D4D3D2D1D0
Name
CLE
FDT
LCS[3:0]
Type
R/W
R
R
Bit
Name
Function
7CLE
Communications (ISOcap Link) Error.
0 = ISOcap communication link between the Si3021 and the Si3012 is operating correctly.
1 = Indicates a communication problem between the Si3021 and the Si3012. A write of 0 or a
reset is required to clear this bit.
6FDT
Frame Detect.
0 = Indicates ISOcap link has not established frame lock.
1 = Indicates ISOcap link frame lock has been established.
5:4
Reserved
Read returns zero.
3:0
LCS[3:0]
Loop Current Sense.
Four-bit value returning the loop current in 6 mA increments.
0 = Loop current < 0.4 mA typical.
1111 = Loop current > 155 mA typical.
See “Loop Current Monitor” on page 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com