Electronic Components Datasheet Search
  English  ▼

X  

SI3012 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SI3012
Description  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3012 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SI3012 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 12Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
Si3035
Rev. 1.2
9
Figure 4. Serial Interface Timing Diagram (DCE = 1, FSD = 0)
Table 9. Switching Characteristics—Serial Interface (DCE = 1, FSD = 0)
(VA = Charge Pump, VD = 3.0 to 5.25 V, TA = 0 to 70°C for K-Grade, CL = 20 pF)
Parameter1,2
Symbol
Min
Typ
Max
Unit
Cycle Time, SCLK
tc
354
1/256 Fs
—
ns
SCLK Duty Cycle
tdty
—50
—
%
Delay Time, SCLK
↑ to FSYNC ↑
td1
—
—
10
ns
Delay Time, SCLK
↑ to FSYNC ↓
td2
—
—
10
ns
Delay Time, SCLK
↑ to SDO valid
td3
0.25tc – 20
—
0.25tc + 20
ns
Delay Time, SCLK
↑ to SDO Hi-Z
td4
—
—
20
ns
Delay Time, SCLK
↑ to RGDT ↓
td5
—
—
20
ns
Delay Time, SCLK
↑ to RGDT ↑
td6
—
—
20
ns
Setup Time, SDO Before SCLK
↓
tsu
25
—
—
ns
Hold Time, SDO After SCLK
↓
th
20
—
—
ns
Setup Time, SDI Before SCLK
tsu2
25
—
—
ns
Hold Time, SDI After SCLK
th2
20
—
—
ns
Notes:
1. All timing is referenced to the 50% level of the waveform. Input test levels are VIH = VD – 0.4 V, VIL = 0.4 V.
2. Refer to the section "Multiple Device Support" on page 25 for functional details.
SCLK
FSYNC
(m ode 1)
t
c
t
d1
t
d2
t
d2
FSYNC
(m ode 0)
t
d5
t
d6
t
d5
SDO
(m aster)
FSD
(M ode 0)
SDO
(slave 1)
t
d3
D15
D14
D13
D0
t
su
t
h
t
d4
t
d3
D15
t
d5
SDI
D15
D0
D1 4
t
h2
t
su2
t
d2
FSD
(M ode 1)
32 S C LK s
16 S C LK s
16 S C LK s
D13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com