Electronic Components Datasheet Search
  English  ▼

X  

SI3012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SI3012
Description  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SI3012 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3012 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Rev. 1.2 12/00
Copyright © 2000 by Silicon Laboratories
Si3035-DS12
Si3035
3 . 3 V FCC/JATE D IR ECT A C C ESS A R RAN G E MENT
Features
Complete DAA includes the following:
Applications
Description
The Si3035 is an integrated direct access arrangement (DAA) chipset that
provides a digital, low-cost, solid-state interface to a telephone line.
Available in two 16-pin small outline packages, it eliminates the need for an
analog front end (AFE), an isolation transformer, relays, opto-isolators, and
a 2- to 4-wire hybrid. The Si3035 dramatically reduces the number of
discrete components and cost required to achieve compliance with FCC
Part 68. The Si3035 interfaces directly to standard modem DSPs and
supports all FCC and JATE out-of-band noise requirements. International
support is provided by the pin compatible Si3034.
Functional Block Diagram
! 3.3 V to 5 V Digital/Analog
Power Supplies
! JATE Filter Option
! 86 dB Dynamic Range TX/RX
Paths
! Daisy-Chaining for Up to Eight
Devices
! Integrated Ring Detector
! 3000 V Isolation
! Support for Caller ID
! Low Profile SOIC Packages
! Direct Interface to DSPs
! Integrated Modem Codec
! Compliant with FCC Part 68
! Low-Power Standby Mode
! Proprietary ISOcap™ Technology
! Pin Compatible with Si3034, Si3032
! Optional IIR Digital Filter
!
V.90 Modems
!
Voice Mail Systems
!
Fax Machines
!
Set Top Boxes
Si3021
Si3012
Digital
Interface
C ontrol
Interface
Isolation
Interface
Hybrid
Isolation
Interface
DC
T ermination
Ring Detect
O ff-H ook
Out
In
MCLK
SC LK
SD I
SD O
OF H K
MO DE
R ESET
AO U T
F SYN C
FC/R G T
TX
RX
H YBD
VR EG 2
VR EG
DCT
R EXT
IG N D
RNG 1
RNG 2
QB
QE
RG DT/F SD
US Patent # 5,870,046
US Patent # 6,061,009
Other Patents Pending
Ordering Information
See page 50.
Pin Assignments
Si3021 (SOIC)
Si3021 (TSSOP)
Si3012 (SOIC or TSSOP)
1
2
3
4
5
6
7
8
9
10
11
12
13
16
15
14
OFHK
RGDT/FSD
M0
VA
GND
C1A
M1
AOUT
MCLK
FSYNC
SCLK
VD
SDO
SDI
FC/RGDT
RESET
1
2
3
4
5
6
7
8
9
10
11
12
13
16
15
14
VD
SCLK
FSYNC
MCLK
OFHK
RGDT/FSD
M0
VA
SDO
SDI
FC/RGDT
RESET
AOUT
M1
C1A
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
16
15
14
TSTA
TSTB
IGND
C1B
RNG1
RNG2
QB
QE
TX
NC
RX
REXT
DCT
HYBD
VREG2
VREG


Similar Part No. - SI3012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3012-KS ETC1-SI3012-KS Datasheet
1Mb / 64P
GLOBAL MC 97 SILICON DAA
SI3012-KT ETC1-SI3012-KT Datasheet
1Mb / 64P
GLOBAL MC 97 SILICON DAA
More results

Similar Description - SI3012

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
Data Access Arrangement Preliminary Information
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
Data Access Arrangement Advance Information
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
Data Access Arrangement
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com