Electronic Components Datasheet Search
  English  ▼

X  

THS4151 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4151
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4151 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4151 Datasheet HTML 2Page - Texas Instruments THS4151 Datasheet HTML 3Page - Texas Instruments THS4151 Datasheet HTML 4Page - Texas Instruments THS4151 Datasheet HTML 5Page - Texas Instruments THS4151 Datasheet HTML 6Page - Texas Instruments THS4151 Datasheet HTML 7Page - Texas Instruments THS4151 Datasheet HTML 8Page - Texas Instruments THS4151 Datasheet HTML 9Page - Texas Instruments THS4151 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
THS4150, THS4151
HIGHSPEED DIFFERENTIAL I/O AMPLIFIERS
SLOS321D − MAY 2000 − REVISED JANUARY 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
−20
−10
0
10
20
30
40
50
100 k
1 M
10 M
f − Frequency − Hz
SMALL SIGNAL FREQUENCY RESPONSE
100 M
1 G
G = 10
G = 5
G = 2
G = 1
VCC = ±5 V
VI = 22.5 mVRMS
G = 100
Figure 2
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
10 k
100 k
1 M
f − Frequency − Hz
SMALL SIGNAL FREQUENCY RESPONSE
10 M
100 M
VCC = 5
VCC = ±5
VCC = ±15
Gain = 1
Rf = 390 Ω,
RL = 800 Ω,
VI = 22.5 mVRMS
Figure 3
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
100 k
1 M
10 M
f − Frequency − Hz
LARGE SIGNAL FREQUENCY RESPONSE
100 M
1 G
VCC = 5
VCC = ±5
VCC = ±15
Gain = 1
Rf = 390 Ω,
RL = 800 Ω,
VI = 0.2 VRMS
1.9
1.7
1.6
1.5
0
50
100
150
2
2.1
SETTLING TIME
2.3
200
250
300
1.8
2.2
ts − Settling Time − ns
Rf = 390 Ω,
CF = 1 pF,
VCC = ±5 V,
VO = 4 Vpp,
Gain = 1
Settling to 1% = 17.2 ns
Settling to 0.1% = 53.3 ns
Settling to 0.01% = 247.5 ns
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com