Electronic Components Datasheet Search
  English  ▼

X  

THS4151 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS4151
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4151 Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS4151 Datasheet HTML 15Page - Texas Instruments THS4151 Datasheet HTML 16Page - Texas Instruments THS4151 Datasheet HTML 17Page - Texas Instruments THS4151 Datasheet HTML 18Page - Texas Instruments THS4151 Datasheet HTML 19Page - Texas Instruments THS4151 Datasheet HTML 20Page - Texas Instruments THS4151 Datasheet HTML 21Page - Texas Instruments THS4151 Datasheet HTML 22Page - Texas Instruments THS4151 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
THS4150, THS4151
HIGHSPEED DIFFERENTIAL I/O AMPLIFIERS
SLOS321D − MAY 2000 − REVISED JANUARY 2004
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
theory of operation (continued)
The following schematics depict the differences between the operation of the THS415x, fully differential
amplifier, in two different modes. Fully differential amplifiers can work with differential input or can be
implemented as single in/differential out.
−
Rf
R(g)
+
+
−
VCC−
VCC+
R(g)
Rf
Vs
VIN−
VIN+
VO+
VO−
VOCM
Note: For proper operation, maintain symmetry by setting
Rf1 = Rf2 = Rf and R(g)1 = R(g)2 = R(g) ⇒ A = Rf/R(g)
Figure 38. Amplifying Differential Signals
−
Rf
R(g)
+
+
−
VCC−
VCC+
R(g)
Rf
Vs
VIN−
VIN+
VO+
VO−
VOCM
GAIN
R(g) Ω
Rf Ω
1
2
5
10
390
374
402
402
390
750
2010
4020
RECOMMENDED RESISTOR VALUES
Figure 39. Single In With Differential Out
If each output is measured independently, each output is one-half of the input signal when gain is 1. The
following equations express the transfer function for each output:
V
O
) +
V
I
)
2
) V
OCM
The second output is equal and opposite in sign:
V
O– +
–V
I
)
2
) V
OCM
VOCM will be set to midrails if it is not derived by any external power source.
Fully differential amplifiers may be viewed as two inverting amplifiers. In this case, the equation of an inverting
amplifier holds true for gain calculations. One advantage of fully differential amplifiers is that they offer twice as
much dynamic range compared to single-ended amplifiers. For example, a 1-VPP ADC can only support an input
signal of 1 VPP. If the output of the amplifier is 2 VPP, then it will not be practical to feed a 2-VPP signal into the
targeted ADC. Using a fully differential amplifier enables the user to break down the output into two 1-VPP signals
with opposite signs and feed them into the differential input nodes of the ADC. In practice, the designer has been
able to feed a 2-V peak-to-peak signal into a 1-V differential ADC with the help of a fully differential amplifier.
The final result indicates twice as much dynamic range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com