Electronic Components Datasheet Search
  English  ▼

X  

THS4151 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4151
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4151 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4151 Datasheet HTML 7Page - Texas Instruments THS4151 Datasheet HTML 8Page - Texas Instruments THS4151 Datasheet HTML 9Page - Texas Instruments THS4151 Datasheet HTML 10Page - Texas Instruments THS4151 Datasheet HTML 11Page - Texas Instruments THS4151 Datasheet HTML 12Page - Texas Instruments THS4151 Datasheet HTML 13Page - Texas Instruments THS4151 Datasheet HTML 14Page - Texas Instruments THS4151 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
THS4150, THS4151
HIGHSPEED DIFFERENTIAL I/O AMPLIFIERS
SLOS321D − MAY 2000 − REVISED JANUARY 2004
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 20
1
10
100
10
100
1 k
100 k
10 k
f − Frequency − Hz
CURRENT NOISE
vs
FREQUENCY
VCC = 5 V to ±15 V
−15
−10
−5
0
5
10
15
10
100
1 k
10 k
100 k
VCC = ±15 V
VCC = − ±15 V
VCC = ±5 V
VCC = − ±5 V
OUTPUT VOLTAGE
vs
SINGLE-ENDED LOAD RESISTANCE
RL − Single-Ended Load Resistance − Ω
Figure 21
VOUT+
VOUT−
VOUT−
VOUT+
0
0.5
1
1.5
2
2.5
0
2
4
6
8
10
12
14
16
VCC − Supply Voltage − ±V
POWER SUPPLY CURRENT SHUTDOWN
vs
SUPPLY VOLTAGE
TA = 25°C
Figure 22
0
10
20
30
40
50
60
70
80
90
100
12
34
5
6
7
8
9 10 11 12 13 14 15 16
TA = 40°C
TA = 25°C
TA = 125°C
TA = 85°C
VCC − Supply Voltage − V
OUTPUT CURRENT RANGE
vs
SUPPLY VOLTAGE
Figure 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com