Electronic Components Datasheet Search
  English  ▼

X  

THS4151 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS4151
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4151 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS4151 Datasheet HTML 8Page - Texas Instruments THS4151 Datasheet HTML 9Page - Texas Instruments THS4151 Datasheet HTML 10Page - Texas Instruments THS4151 Datasheet HTML 11Page - Texas Instruments THS4151 Datasheet HTML 12Page - Texas Instruments THS4151 Datasheet HTML 13Page - Texas Instruments THS4151 Datasheet HTML 14Page - Texas Instruments THS4151 Datasheet HTML 15Page - Texas Instruments THS4151 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
THS4150, THS4151
HIGHSPEED DIFFERENTIAL I/O AMPLIFIERS
SLOS321D − MAY 2000 − REVISED JANUARY 2004
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 24
−100
−60
−20
20
60
100
−12
−7
−2
3
8
VCC = 2.5 V
VCC = 5 V
VCC = 15 V
SINGLE-ENDED OUTPUT OFFSET VOLTAGE
vs
COMMON-MODE OUTPUT VOLTAGE
VOCM − Common-Mode Output Voltage − V
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
COMMON MODE REJECTION RATIO
vs
FREQUENCY
f − Frequency − Hz
1 M
10 M
100 M
1 G
VCC = 5 V to ±15 V,
VI = 0.25 VRMS
Figure 25
0
2000
4000
6000
8000
10000
12000
14000
16000
VCC = 5 V to ±15 V
IMPEDANCE OF THE VOCM TERMINAL
vs
FREQUENCY
f − Frequency − Hz
100 k
1 M
10 M
100 M
1 G
Figure 26
0.1
1
10
100
100 k
1 M
10 M
f − Frequency − Hz
OUTPUT IMPEDANCE (POWERED UP)
vs
FREQUENCY
100 M
1 G
VCC = ±5 V
Figure 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com