Electronic Components Datasheet Search
  English  ▼

X  

LM2597 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2597
Description  SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2597 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LM2597 Datasheet HTML 23Page - National Semiconductor (TI) LM2597 Datasheet HTML 24Page - National Semiconductor (TI) LM2597 Datasheet HTML 25Page - National Semiconductor (TI) LM2597 Datasheet HTML 26Page - National Semiconductor (TI) LM2597 Datasheet HTML 27Page - National Semiconductor (TI) LM2597 Datasheet HTML 28Page - National Semiconductor (TI) LM2597 Datasheet HTML 29Page - National Semiconductor (TI) LM2597 Datasheet HTML 30Page - National Semiconductor (TI) LM2597 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Application Information (Continued)
THERMAL CONSIDERATIONS
The LM2597/LM2597HV is available in two packages, an
8-pin through hole DIP (N) and an 8-pin surface mount SO-8
(M). Both packages are molded plastic with a copper lead
frame. When the package is soldered to the PC board, the
copper and the board are the heat sink for the LM2597 and
the other heat producing components.
For best thermal performance, wide copper traces should be
used. Pins should be soldered to generous amounts of
printed circuit board copper, (one exception to this is the
output (switch) pin, which should not have large areas of
copper). Large areas of copper provide the best transfer of
heat (lower thermal resistance) to the surrounding air, and
even double-sided or multilayer boards provide a better heat
path to the surrounding air. Unless power levels are small,
sockets are not recommended because of the added ther-
mal resistance it adds and the resultant higher junction
temperatures.
Package thermal resistance and junction temperature rise
numbers are all approximate, and there are many factors
that will affect the junction temperature. Some of these fac-
tors include board size, shape, thickness, position, location,
and even board temperature. Other factors are, trace width,
printed circuit copper area, copper thickness, single- or
double-sided, multilayer board, and the amount of solder on
the board. The effectiveness of the PC board to dissipate
heat also depends on the size, quantity and spacing of other
components on the board. Furthermore, some of these com-
ponents such as the catch diode will add heat to the PC
board and the heat can vary as the input voltage changes.
For the inductor, depending on the physical size, type of core
material and the DC resistance, it could either act as a heat
sink taking heat away from the board, or it could add heat to
the board.
The curves shown in
Figure 22 and Figure 23 show the
LM2597 junction temperature rise above ambient tempera-
ture with a 500 mA load for various input and output volt-
ages. The Bias Supply pin was not used (left open) for these
curves. Connecting the Bias Supply pin to the output voltage
would reduce the junction temperature by approximately 5˚C
to 15˚C, depending on the input and output voltages, and the
load current. This data was taken with the circuit operating
as a buck switcher with all components mounted on a PC
board to simulate the junction temperature under actual
operating conditions. This curve is typical, and can be used
for a quick check on the maximum junction temperature for
various conditions, but keep in mind that there are many
factors that can affect the junction temperature.
BIAS SUPPLY FEATURE
The bias supply (V
BS) pin allows the LM2597’s internal
circuitry to be powered from a power source, other than V
IN,
typically the output voltage. This feature can increase effi-
ciency and lower junction temperatures under some operat-
ing conditions. The greatest increase in efficiency occur with
light load currents, high input voltage and low output voltage
(4V to 12V). See efficiency curves shown in
Figure 24 and
Figure 25. The curves with solid lines are with the V
BS pin
connected to the regulated output voltage, while the curves
with dashed lines are with the V
BS pin open.
The bias supply pin requires a minimum of approximately
3.5V at room temperature (4V @ −40˚C), and can be as high
as 30V, but there is little advantage of using the bias supply
feature with voltages greater than 15V or 20V. The current
required for the V
IN pin is typically 4 mA.
DS012440-41
Circuit Data for Temperature Rise Curve (DIP-8)
Capacitors Through hole electrolytic
Inductor
Through hole, Schott, 100 µH
Diode
Through hole, 1A 40V, Schottky
PC board
4 square inches single sided 2 oz. copper
(0.0028")
FIGURE 22. Junction Temperature Rise, DIP-8
DS012440-42
Circuit Data for Temperature Rise Curve (Surface
Mount)
Capacitors Surface mount tantalum, molded “D” size
Inductor
Surface mount, Coilcraft DO33, 100 µH
Diode
Surface mount, 1A 40V, Schottky
PC board
4 square inches single sided 2 oz. copper
(0.0028")
FIGURE 23. Junction Temperature Rise, SO-8
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com